Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH7446PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFH7446PBF
Description  HEXFETPower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7446PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFH7446PBF Datasheet HTML 1Page - International Rectifier IRFH7446PBF Datasheet HTML 2Page - International Rectifier IRFH7446PBF Datasheet HTML 3Page - International Rectifier IRFH7446PBF Datasheet HTML 4Page - International Rectifier IRFH7446PBF Datasheet HTML 5Page - International Rectifier IRFH7446PBF Datasheet HTML 6Page - International Rectifier IRFH7446PBF Datasheet HTML 7Page - International Rectifier IRFH7446PBF Datasheet HTML 8Page - International Rectifier IRFH7446PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRFH7446PbF
www.irf.com © 2012 International Rectifier
October 23, 2012
2
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Current is limited to 71A by source bond technology.
Note that current limitations arising from heating of the
device leads may occur with some lead mounting arrangements.
(Refer to AN-1140)
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by TJmax, starting TJ = 25°C, L = 0.062mH
RG = 50, IAS = 50A, VGS =10V.
„ ISD  50A, di/dt  1123A/μs, VDD V(BR)DSS, TJ  150°C.
… Pulse width  400μs; duty cycle  2%.
† Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
‡ Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
ˆ When mounted on 1 inch square 2 oz copper pad on 1.5 x 1.5 in. board of
FR-4 material.
‰ Ris measured at TJ approximately 90°C.
Š This value determined from sample failure population,
starting TJ = 25°C, L= 0.062mH, RG = 50, IAS = 50A, VGS =10V.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
V(BR)DSS/TJ
Breakdown Voltage Temp. Coefficient
–––
0.032
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.5
3.3
m
–––
3.8
–––
m
VGS(th)
Gate Threshold Voltage
2.2
–––
3.9
V
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
μA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
1.5
–––
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1.0mA d
VGS = 10V, ID = 50A g
VDS = VGS, ID = 100μA
VGS = 20V
VGS = -20V
VDS = 40V, VGS = 0V
VDS = 40V, VGS = 0V, TJ = 125°C
VGS = 6.0V, ID = 50A g
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
d
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
TJ
Operating Junction and
TSTG
Storage Temperature Range
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
e
mJ
EAS (tested)
Single Pulse Avalanche Energy Tested Value
l
IAR
Avalanche Current
Ãd
A
EAR
Repetitive Avalanche Energy
d
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RJC (Bottom)
Junction-to-Case
k
–––
1.6
RJC (Top)
Junction-to-Case
k
–––
31
RJA
Junction-to-Ambient
j
–––
35
RJA (<10s)
Junction-to-Ambient
j
–––
23
°C/W
A
°C
78
See Fig. 14, 15, 22a, 22b
78
Max.
117
™
74
™
468
85
153
-55 to + 150
± 20
0.63


Similar Part No. - IRFH7446PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7446PBF IRF-IRFH7446PBF Datasheet
340Kb / 11P
   Brushed Motor drive applications
IRFH7446PBF IRF-IRFH7446PBF_15 Datasheet
340Kb / 11P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com