Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9011-GMPJ6 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9011-GMPJ6
Description  Portable Power Management 300mA Dual LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9011-GMPJ6 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9011-GMPJ6 Datasheet HTML 6Page - Richtek Technology Corporation RT9011-GMPJ6 Datasheet HTML 7Page - Richtek Technology Corporation RT9011-GMPJ6 Datasheet HTML 8Page - Richtek Technology Corporation RT9011-GMPJ6 Datasheet HTML 9Page - Richtek Technology Corporation RT9011-GMPJ6 Datasheet HTML 10Page - Richtek Technology Corporation RT9011-GMPJ6 Datasheet HTML 11Page - Richtek Technology Corporation RT9011-GMPJ6 Datasheet HTML 12Page - Richtek Technology Corporation RT9011-GMPJ6 Datasheet HTML 13Page - Richtek Technology Corporation RT9011-GMPJ6 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
RT9011
10
DS9011-08 April 2011
www.richtek.com
For recommended operating conditions specification of
RT9011, the maximum junction temperature is 125
°C. The
junction to ambient thermal resistance (
θJA is layout
dependent ) for TSOT-23-6 is 220
°C/W, WDFN-8L 2x2 is
165
°C/W, WDFN-10L 3x3 is 108°C/W, WDFN-8L 3x3 is
108
°C/W and WDFN-8L 1.6x1.6 is 175°C/W on the
standard JEDEC 51-3 single-layer thermal test board. The
maximum power dissipation at TA= 25
°C can be calculated
by following formula :
PD(MAX) = ( 125
°C − 25°C ) / (220°C/W) = 0.455W for
TSOT-23-6 packages
PD(MAX) = ( 125
°C − 25°C ) / (165°C/W) = 0.606W for
WDFN-8L 2x2 packages
PD(MAX) = ( 125
°C − 25°C ) / (108°C/W) = 0.926W for
WDFN-10L 3x3 packages
PD(MAX) = ( 125
°C − 25°C ) / (108°C/W) = 0.926W for
WDFN-8L 3x3 packages
PD(MAX) = ( 125
°C − 25°C ) / (175°C/W) = 0.571W for
WDFN-6L 1.6x1.6 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT9011 packages, the Figure 3 of de-
rating curves allows the designer to see the effect of rising
ambient temperature on the maximum power allowed.
Figure 3. Derating Curves for RT9011 Packages
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
25
50
75
100
125
Ambient Temperature (°C)
WDFN-8L 2x2
TSOT-23-6
WDFN-8L 3x3
WDFN-10L 3x3
Single Layer PCB
WDFN-6L 1.6x1.6


Similar Part No. - RT9011-GMPJ6

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9011-GMPJ6 RICHTEK-RT9011-GMPJ6 Datasheet
336Kb / 12P
   Portable Power Management 300mA Dual LDO Regulator
More results

Similar Description - RT9011-GMPJ6

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
RT9011 RICHTEK-RT9011 Datasheet
336Kb / 12P
   Portable Power Management 300mA Dual LDO Regulator
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Unisonic Technologies
LR9XXYY UTC-LR9XXYY Datasheet
166Kb / 5P
   300mA SMALL DUAL LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1130X NISSHINBO-R1130X Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
RICOH electronics devic...
R1130 RICOH-R1130 Datasheet
1Mb / 22P
   300mA LDO REGULATOR
logo
Unisonic Technologies
LR9282 UTC-LR9282 Datasheet
175Kb / 4P
   300mA LDO REGULATOR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com