Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3550MPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IR3550MPBF
Description  60A Integrated PowIRstage짰
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3550MPBF Datasheet(HTML) 5 Page - International Rectifier

  IR3550MPBF Datasheet HTML 1Page - International Rectifier IR3550MPBF Datasheet HTML 2Page - International Rectifier IR3550MPBF Datasheet HTML 3Page - International Rectifier IR3550MPBF Datasheet HTML 4Page - International Rectifier IR3550MPBF Datasheet HTML 5Page - International Rectifier IR3550MPBF Datasheet HTML 6Page - International Rectifier IR3550MPBF Datasheet HTML 7Page - International Rectifier IR3550MPBF Datasheet HTML 8Page - International Rectifier IR3550MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
March 12, 2012 | FINAL DATASHEET
5
IR3550
60A Integrated PowIRstage®
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications are not implied.
PIN Number
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
1
CSIN-
VCC + 0.3V
-0.3V
1mA
1mA
2
CSIN+
VCC + 0.3V
-0.3V
1mA
1mA
3
VCC
8V
-0.3V
NA
5A for 100ns,
200mA DC
4
PGND
0.3V
-0.3V
15mA
15mA
5, 32
GATEL
VCC + 0.3V
-3V for 20ns,
-0.3V DC
1A for 100ns,
200mA DC
1A for 100ns,
200mA DC
6-15
SW
2
25V
-5V for 20ns,
-0.3V DC
65A RMS
30A RMS
16, 17
PGND
NA
NA
30A RMS
65A RMS
18-23
VIN
2
25V
-0.3V
5A RMS
25A RMS
24
BOOST
1
33V
-0.3V
1A for 100ns,
100mA DC
5A for 100ns,
100mA DC
25
PHSFLT#
VCC + 0.3V
-0.3V
1mA
20mA
26
PWM
VCC + 0.3V
-0.3V
1mA
1mA
27
BBRK#
VCC + 0.3V
-0.3V
1mA
1mA
28
LGND
0.3V
-0.3V
15mA
15mA
29
REFIN
3.5V
-0.3V
1mA
1mA
30
IOUT
VCC + 0.3V
-0.3V
5mA
5mA
31
TGND
0.3V
-0.3V
NA
NA
Note:
1.
Maximum BOOST – SW = 8V.
2.
Maximum VIN – SW = 25V.
3.
All the maximum voltage ratings are referenced to PGND (Pins 16 and 17).
THERMAL INFORMATION
Thermal Resistance, Junction to Top (θJC_TOP)
14.3 °C/W
Thermal Resistance, Junction to PCB (pin 17) (θJB)
1.9 °C/W
Thermal Resistance (θJA)
1
20.2 °C/W
Maximum Operating Junction Temperature
0 to 150°C
Maximum Storage Temperature Range
-65°C to 150°C
ESD rating
HBM Class 1B JEDEC Standard
MSL Rating
3
Reflow Temperature
260°C
Note:
1.
Thermal Resistance (θJA) is measured with the component mounted on a high effective thermal conductivity test board in free air.
Refer to International Rectifier Application Note AN-994 for details.


Similar Part No. - IR3550MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3550 IRF-IR3550 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
More results

Similar Description - IR3550MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3553 IRF-IR3553 Datasheet
474Kb / 22P
   40A Integrated PowIRstage짰
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
   60A Integrated PowIRstage
IR3555 IRF-IR3555_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IR3555A IRF-IR3555A_15 Datasheet
81Kb / 1P
   60A Integrated PowIRstage
IRF3546M IRF-IRF3546M_15 Datasheet
718Kb / 18P
   60A Dual Integrated Power Block
IR3579 IRF-IR3579_15 Datasheet
82Kb / 1P
   60A Exposed-Top Integrated PowIRstage
IR3579A IRF-IR3579A_15 Datasheet
81Kb / 1P
   60A Exposed-Top Integrated PowIRstage
IR3575 IRF-IR3575 Datasheet
900Kb / 23P
   60A Exposed Top Integrated PowIRstage
IRF3546 IRF-IRF3546 Datasheet
358Kb / 18P
   60A Dual Integrated Power Block
IR3575 IRF-IR3575_15 Datasheet
955Kb / 22P
   60A Exposed Top Integrated PowIRstage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com