Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9715BGBG Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9715BGBG
Description  90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715BGBG Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9715BGBG Datasheet HTML 7Page - Richtek Technology Corporation RT9715BGBG Datasheet HTML 8Page - Richtek Technology Corporation RT9715BGBG Datasheet HTML 9Page - Richtek Technology Corporation RT9715BGBG Datasheet HTML 10Page - Richtek Technology Corporation RT9715BGBG Datasheet HTML 11Page - Richtek Technology Corporation RT9715BGBG Datasheet HTML 12Page - Richtek Technology Corporation RT9715BGBG Datasheet HTML 13Page - Richtek Technology Corporation RT9715BGBG Datasheet HTML 14Page - Richtek Technology Corporation RT9715BGBG Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RT9715
11
DS9715-03 April 2011
www.richtek.com
PCB Layout Guide
In order to meet the voltage drop, droop, and EMI
requirements, careful PCB layout is necessary. The
following guidelines must be followed :
Locate the ceramic bypass capacitors as close as
possible to the VIN pins of the RT9715.
Place a ground plane under all circuitry to lower both
resistance and inductance and improve DC and transient
performance (Use a separate ground and power plans if
possible).
Keep all VBUS traces as short as possible and use at
least 50-mil, 2 ounce copper for all VBUS traces.
Avoid vias as much as possible. If vias are necessary,
make them as large as feasible.
Place cuts in the ground plane between ports to help
reduce the coupling of transients between ports.
Locate the output capacitor and ferrite beads as close to
the USB connectors as possible to lower impedance
(mainly inductance) between the port and the capacitor
and improve transient load performance.
Locate the RT9715 as close as possible to the output
port to limit switching noise.
maximum power dissipation can be calculated by following
formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
Where TJ(MAX) is the maximum operation junction
temperature 100
°C, TAis the ambient temperature and the
θJA is the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT9715, where TJ(MAX) is the maximum junction
temperature of the die (100
°C) and TA is the maximum
ambient temperature. The junction to ambient thermal
resistance
θJA is layout dependent. For SOT-23-5
packages, the thermal resistance
θJA is 250°C/W on the
standard JEDEC 51-3 single-layer thermal test board. And
for SOP-8 and MSOP-8 packages, the thermal resistance
θJA is 160°C/W. The maximum power dissipation at TA =
25
°C can be calculated by following formula :
PD(MAX) = (100
°C - 25°C) / (250°C/W) = 0.3W for
SOT-23-5 packages
PD(MAX) = (100
°C - 25°C) / (160°C/W) = 0.469W for
SOP-8/MSOP-8 packages
PD(MAX) = (100
°C - 25°C) / (108°C/W) = 0.694W for
WDFN-8L 3x3 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal resistance
θJA. For RT9715 packages, the Figure 2 of derating curves
allows the designer to see the effect of rising ambient
temperature on the maximum power allowed.
Figure 2. Derating Curves for RT9715 Package
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
1020
3040
5060
7080
90 100
Ambient Temperature (°C)
WDFN-8L 3x3
SOP-8/MSOP-8
SOT-23-5
Single Layer PCB
GND
EN
GND_BUS
VIN
VOUT
VBUS
VIN
FLG
The input capacitor should
be placed as close as
possible to the IC.
Figure 3


Similar Part No. - RT9715BGBG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9715BGF RICHTEK-RT9715BGF Datasheet
338Kb / 15P
   Operating Range : 2.7V to 5.5V, Reverse Blocking Current
RT9715BGF RICHTEK-RT9715BGF Datasheet
240Kb / 12P
   Reverse Blocking Current
More results

Similar Description - RT9715BGBG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
   90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
logo
Union Semiconductor, In...
UM9711 UNIONSEMI-UM9711 Datasheet
474Kb / 10P
   90m(ohm), 1.5A High-Side Power Switches with Flag
logo
Richtek Technology Corp...
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
   80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US204 UTC-US204 Datasheet
249Kb / 6P
   100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com