Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9716A Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9716A
Description  Express Card Power Interface Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9716A Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9716A Datasheet HTML 1Page - Richtek Technology Corporation RT9716A Datasheet HTML 2Page - Richtek Technology Corporation RT9716A Datasheet HTML 3Page - Richtek Technology Corporation RT9716A Datasheet HTML 4Page - Richtek Technology Corporation RT9716A Datasheet HTML 5Page - Richtek Technology Corporation RT9716A Datasheet HTML 6Page - Richtek Technology Corporation RT9716A Datasheet HTML 7Page - Richtek Technology Corporation RT9716A Datasheet HTML 8Page - Richtek Technology Corporation RT9716A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
RT9716A/B
2
DS9716A/B-01 April 2011
www.richtek.com
Pin No.
Pin Name
Pin Function
1
STBY
Standby input-active low, logic level signal, Internal pulled up to AUXIN.
2
3.3VIN
Input pin for 3.3V output voltage.
3
3.3VOUT
Switched output that delivers 0V,3.3V or high impedance to card.
4, 5, 13, 14, 16
NC
No Internal Connection.
6
SYSRST
System reset input-active low, logic level signal, Internal pulled up to AUXIN for
RT9716A or floating for RT9716B.
7, 21 (Exposed Pad) GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
8
PERST
A logic level power good to slot (with delay).
9
CPUSB
Card present input for USB cards, Internal pulled up to AUXIN.
10
CPPE
Card present input for PCI cards, Internal pulled up to AUXIN.
11
1.5VOUT
Switched output that delivers 0V,1.5V or high impedance to card.
12
1.5VIN
Input pin for 1.5V output voltage.
15
AUXOUT
Switched output that delivers 0V,AUX or high impedance to card.
17
AUXIN
AUX input for AUXOUT and chip power.
18
RCLKEN
Reference Clock Enable signal. As an output, a logic power good to host for slot
(no delay-open drain). As an input, if kept inactive(low) by the host, prevents
PERST from being de-asserted. Internal pulled up to AUXIN
19
FLG
Over current or over temperature status output for slot (open drain)
20
SHDN
Shutdown input-active low, logic level signal. Internal pulled up to AUXIN
Functional Pin Description
Typical Application Circuit
RT9716A/B
3.3VIN
3.3VOUT
GND
RCLKEN
AUXIN
AUXOUT
1.5VIN
1.5VOUT
SYSRST
SHDN
STBY
PERST
CPPE
CPUSB
FLG
22uF
22uF
3.3V
3.3V
1.5V
SYSRST
SHDN
STBY
FLG
3.3VOUT
AUXOUT
1.5VOUT
PERST
CPPE
CPUSB
RCLKEN
4.7uF
4.7uF
4.7uF
22uF
100k


Similar Part No. - RT9716A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGB RICHTEK-RT9711AGB Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGBG RICHTEK-RT9711AGBG Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGF RICHTEK-RT9711AGF Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
More results

Similar Description - RT9716A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9725A RICHTEK-RT9725A Datasheet
281Kb / 17P
   Express Card Power Interface Switch
logo
Unisonic Technologies
US12231 UTC-US12231 Datasheet
387Kb / 15P
   POWER INTERFACE SWITCH
logo
AAEON Technology
NIM-S13C AAEON-NIM-S13C Datasheet
168Kb / 1P
   PCI-Express Host Interface
PER-C39L AAEON-PER-C39L Datasheet
212Kb / 1P
   PCI-Express Host Interface
NIM-C13B AAEON-NIM-C13B Datasheet
165Kb / 1P
   PCI-Express Host Interface
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
953Kb / 26P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2231MRGPR-2 TI1-TPS2231MRGPR-2 Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com