Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9711A Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9711A
Description  80m廓, 1.5A/0.6A High-Side Power Switches with Flag
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711A Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9711A_11 Datasheet HTML 5Page - Richtek Technology Corporation RT9711A_11 Datasheet HTML 6Page - Richtek Technology Corporation RT9711A_11 Datasheet HTML 7Page - Richtek Technology Corporation RT9711A_11 Datasheet HTML 8Page - Richtek Technology Corporation RT9711A_11 Datasheet HTML 9Page - Richtek Technology Corporation RT9711A_11 Datasheet HTML 10Page - Richtek Technology Corporation RT9711A_11 Datasheet HTML 11Page - Richtek Technology Corporation RT9711A_11 Datasheet HTML 12Page - Richtek Technology Corporation RT9711A_11 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
RT9711A/B/C/D
9
DS9711A/B/C/D-03 April 2011
www.richtek.com
Output Voltage vs. Output Current
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
0
0.2
0.4 0.6
0.8
1
1.2
1.4 1.6
1.8
2
Output Current (A)
RT9711A, VIN = 5V
TA = 25
°C
TA = -45
°C
TA = 85
°C
Output Voltage vs. Output Current
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Output Current (A)
RT9711C, VIN = 5V
TA = 25
°C
TA = -45
°C
TA = 85
°C
Current Limit Threshold vs. Input Voltage
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
2.53
3.54
4.55
5.5
Input Voltage (V)
RT9711C, VIN = 5V
TA = 25
°C
TA = -45
°C
TA = 85
°C
Current Limit Threshold vs. Input Voltage
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
RT9711A, VIN = 5V
TA = 25
°C
TA = -45
°C
TA = 85
°C


Similar Part No. - RT9711A_11

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711AGB RICHTEK-RT9711AGB Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGBG RICHTEK-RT9711AGBG Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGF RICHTEK-RT9711AGF Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGJ5 RICHTEK-RT9711AGJ5 Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGS RICHTEK-RT9711AGS Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
More results

Similar Description - RT9711A_11

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
AiT Semiconductor Inc.
A4772 AITSEMI-A4772 Datasheet
412Kb / 12P
   POWER SWITCHES WITH FLAG 80m廓, 2.1A/1.5A HIGH-SIDE
REV1.6
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
   80m廓, 500mA High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
   80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
logo
Unisonic Technologies
US204 UTC-US204 Datasheet
249Kb / 6P
   100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com