Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9711 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9711
Description  80m廓, 1.5A High-Side Power Switches with Flag
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9711 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9711_11 Datasheet HTML 1Page - Richtek Technology Corporation RT9711_11 Datasheet HTML 2Page - Richtek Technology Corporation RT9711_11 Datasheet HTML 3Page - Richtek Technology Corporation RT9711_11 Datasheet HTML 4Page - Richtek Technology Corporation RT9711_11 Datasheet HTML 5Page - Richtek Technology Corporation RT9711_11 Datasheet HTML 6Page - Richtek Technology Corporation RT9711_11 Datasheet HTML 7Page - Richtek Technology Corporation RT9711_11 Datasheet HTML 8Page - Richtek Technology Corporation RT9711_11 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT9711
3
DS9711-07 April 2011
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Voltage --------------------------------------------------------------------------------------------------------- 6.5V
Chip Enable Input Voltage -------------------------------------------------------------------------------------------
0.3V to 6.5V
Flag Voltage ------------------------------------------------------------------------------------------------------------ 6.5V
Power Dissipation, PD @ TA = 25
°C
SOT-23-5 ---------------------------------------------------------------------------------------------------------------- 0.4W
SOP-8 -------------------------------------------------------------------------------------------------------------------- 0.625W
Package Thermal Resistance (Note 2)
SOT-23-5,
θJA ---------------------------------------------------------------------------------------------------------- 250°C/W
SOP-8,
θJA -------------------------------------------------------------------------------------------------------------- 160°C/W
Junction Temperature ------------------------------------------------------------------------------------------------- 125
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Storage Temperature Range ----------------------------------------------------------------------------------------
65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Supply Input Voltage -------------------------------------------------------------------------------------------------- 2.5V to 5.5V
Chip Enable Input Voltage ------------------------------------------------------------------------------------------- 0V to 5.5V
Junction Temperature Range ----------------------------------------------------------------------------------------
40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------------------
40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
SOT23-5
--
80
100
Switch On Resistance
SOP-8
RDS(ON)
VIN = 5V, IOUT = 1A
--
90
110
m
Ω
ISW_ON
Switch on, VOUT = Open
--
25
45
Supply Current
ISW_OFF
Switch off, VOUT = Open
--
0.1
1
μA
Logic-Low Voltage
VIL
VIN = 2V to 5.5V, switch on
--
--
0.8
V
EN
Threshold Logic-High Voltage
VIH
VIN = 2V to 5.5V, switch off
2.0
--
--
V
EN Input Current
IEN
VEN = 0V to 5.5V
--
0.01
--
μA
Output Leakage Current
ILEAKAGE VEN = 5V, RLOAD = 0Ω
--
0.5
10
μA
Output Turn-On Rise Time
TON_RISE 10% to 90% of VOUT rising
--
400
--
μs
Current Limit
ILIM
Current Ramp (< 0.1A/ms) on
VOUT
1.6
2.5
3.2
A
Short Circuit Fold-Back Current
(Hysteresis)
ISC_FB
VOUT = 0V, measured prior to
thermal shutdown
--
1.0
--
A
FLAG Output Resistance
RFLG
ISINK = 1mA
--
20
400
Ω
FLAG Off Current
IFLG_OFF
VFLG = 5V
--
0.01
1
μA
(VIN = 5V, CIN = COUT = 1
μF, TA = 25°C, unless otherwise specified)
To be continued


Similar Part No. - RT9711_11

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGB RICHTEK-RT9711AGB Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGBG RICHTEK-RT9711AGBG Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGF RICHTEK-RT9711AGF Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9711AGJ5 RICHTEK-RT9711AGJ5 Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
More results

Similar Description - RT9711_11

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
   80m廓, 1.5A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203_11 Datasheet
254Kb / 7P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
AiT Semiconductor Inc.
A4772 AITSEMI-A4772 Datasheet
412Kb / 12P
   POWER SWITCHES WITH FLAG 80m廓, 2.1A/1.5A HIGH-SIDE
REV1.6
logo
Richtek Technology Corp...
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
   80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
   80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
   80m廓, 500mA High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702 Datasheet
251Kb / 16P
   80m廓, 500mA/1.1A High-Side Power Switches with Flag
RT9702 RICHTEK-RT9702_11 Datasheet
364Kb / 16P
   80m廓, 500mA/1.1A High Side Power Switches with Flag
logo
Unisonic Technologies
US204 UTC-US204 Datasheet
249Kb / 6P
   100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com