Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8525D Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8525D
Description  Current Mode Boost Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8525D Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8525D Datasheet HTML 4Page - Richtek Technology Corporation RT8525D Datasheet HTML 5Page - Richtek Technology Corporation RT8525D Datasheet HTML 6Page - Richtek Technology Corporation RT8525D Datasheet HTML 7Page - Richtek Technology Corporation RT8525D Datasheet HTML 8Page - Richtek Technology Corporation RT8525D Datasheet HTML 9Page - Richtek Technology Corporation RT8525D Datasheet HTML 10Page - Richtek Technology Corporation RT8525D Datasheet HTML 11Page - Richtek Technology Corporation RT8525D Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
RT8525D
DS8525D-00 June 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
where IL,PK is peak inductor current, and DMAX is maximum
duty.
Output Over Voltage Protection
The output voltage can be clamped at the voltage level
determined by the following equation :
⎛⎞
×⎜⎟
⎝⎠
OVP1
OUT (OVP)
OVP
OVP2
OVP
R
V
= V
1+
,
R
where V
= 2.5V (typ.)
Power MOSFET Selection
For the applications operating at high output voltage,
switching losses dominate the overall power loss.
Therefore, the power N-MOSFET switch is typically
chosen for drain voltage, VDS, rating and low gate charge.
Consideration of switch on-resistance RDS(ON) is usually
secondary. The VDC regulator in the RT8525D has a fixed
output current limit to protect the IC and provide 12V DRV
voltage for N-MOSFET switch gate driver.
()
×−
×
××
2
OUT
SW
OUT
D1 D
V
L =
2f
I
Inductor Selection
The boundary value of the inductance L between
Discontinuous Conduction Mode (DCM) and Continuous
Conduction Mode (CCM) can be approximated by the
following equation :
Figure 2. Fault Protection Function Block
where
VOUT is the maximum output voltage,
VIN is the minimum input voltage,
fsw is the operating frequency,
IOUT is the sum of current from all LED strings,
and D is the duty cycle calculated by the following
equation :
OUT
IN
OUT
VV
D =
V
The boost converter operates in DCM over the entire input
voltage range if the inductor value is less than the boundary
value L. With an inductance greater than L, the converter
operates in CCM at the minimum input voltage and may
transit to DCM at higher voltages. The inductor must be
selected with a saturated current rating greater than the
peak current provided by the following equation :
×
××
+
××
η
OUT
OUT
LPK
IN
VI
VIN D T
I
=
V2 L
where
η is the efficiency of the power converter.
−×
×
MAX
SLP
S
L, PK
0.4 D
R
50μ
R <
I
action 2 to turn off the driver. When protection function is
released, the RT8525D will re-start.
On the other hand, if the triggered protection is OVP, the
voltage at node A will be decided by voltage divider
composed of RFLT and the internal 8k
Ω resistor. This
voltage must be designed between 0.25V and 1.25V by
choosing RFLT appropriately. Once the OVP turns on the
Switch 2, the divided FAULT voltage will activate action 1
to turn off the driver without resetting soft-start. Therefore,
when protection function OVP is released, the RT8525D
will be in normal operation.
where ROVP1 and ROVP2 are the voltage divider connected
to the OVP pin.
Fault Protection
The FAULT pin will be pulled low once a protection is
triggered, and a suitable pulled-high RFLT is required. The
suggested RFLT is 100k
Ω if the pulled-high voltage was
12V. The following figure illustrates the fault protection
function block. If one of the OUVP and OTP occurs, the
switch 1 will be turned on, and the voltage at node A will
be under 0.25V. Then the protection function will perform
Action 1
Action 2
Node A
Comparator 1
Comparator 2
1.25V
+
-
+
-
+
0.25V
+
8k
OVP
OUVP, OTP
Switch 1
Switch 2
12V
RFLT
100k
FAULT


Similar Part No. - RT8525D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8525D RICHTEK-RT8525D Datasheet
472Kb / 39P
   USB PD Port and Power Controller
February 2017
More results

Similar Description - RT8525D

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5322 GMT-G5322 Datasheet
167Kb / 2P
   Current Mode Boost Controller
G5321 GMT-G5321 Datasheet
86Kb / 1P
   Current Mode Boost Controller
logo
Linear Technology
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LTC3872-1 LINER-LTC3872-1_15 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
logo
Semtech Corporation
SC4508 SEMTECH-SC4508 Datasheet
203Kb / 10P
   Buck or Buck-Boost(Inverting) Current Mode Controller
logo
Linear Technology
LTC3872-1 LINER-LTC3872-1 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
logo
Semtech Corporation
SC4508A SEMTECH-SC4508A Datasheet
418Kb / 21P
   Buck or Buck-Boost (Inverting) Current Mode Controller
logo
Linear Technology
LTC3872 LINER-LTC3872_15 Datasheet
256Kb / 22P
   No RSENSE Current Mode Boost DC/DC Controller
logo
Monolithic Power System...
EV3910A-S-00A MPS-EV3910A-S-00A Datasheet
336Kb / 7P
   Peak Current Mode PWM Controller Boost EV Board
EV3910-K-00B MPS-EV3910-K-00B Datasheet
371Kb / 8P
   Peak Current Mode PWM Controller Boost EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com