Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8223PZQW Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8223PZQW
Description  High Efficiency, Main Power Supply Controller for Notebook Computer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8223PZQW Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8223PZQW Datasheet HTML 1Page - Richtek Technology Corporation RT8223PZQW Datasheet HTML 2Page - Richtek Technology Corporation RT8223PZQW Datasheet HTML 3Page - Richtek Technology Corporation RT8223PZQW Datasheet HTML 4Page - Richtek Technology Corporation RT8223PZQW Datasheet HTML 5Page - Richtek Technology Corporation RT8223PZQW Datasheet HTML 6Page - Richtek Technology Corporation RT8223PZQW Datasheet HTML 7Page - Richtek Technology Corporation RT8223PZQW Datasheet HTML 8Page - Richtek Technology Corporation RT8223PZQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
RT8223P
3
DS8223P-01
June 2011
www.richtek.com
Pin No.
Pin Name
Pin Function
9
BOOT2
Boost Flying Capacitor Connection for SMPS2. Connect to an external capacitor
according to the typical application circuits.
10
UGATE2
Upper Gate Driver Output for SMPS2. UGATE2 swings between PHASE2 and
BOOT2.
11
PHASE2
Switch Node for SMPS2. PHASE2 is the internal lower supply rail for the
UGATE2 high side gate driver. PHASE2 is also the current-sense input for the
SMPS2.
12
LGATE2
Lower Gate Driver Output for SMPS2. LGATE2 swings between GND and
VREG5.
13
EN
Master Enable Input. The REF/VREG5/VREG3 are enabled if it is within logic
high level and disabled if it is less than the logic low level.
14
SKIPSEL
Operation Mode Selectable Input.
Connect to VREG5 or VREG3 : Ultrasonic Mode
Connect to REF : PWM Mode
Connect to GND : DEM Mode
16
VIN
Supply Input for 5V/3.3V LDO and Feed Forward On-Time circuitry.
17
VREG5
5V Linear Regulator Output. VREG5 is also the supply voltage for the lower gate
driver and analog supply voltage for the device.
18
ENC
SMPS Enable Input. Pull up to VREG3 or VREG5 to turn on both switch channels.
Short to GND to shutdown them.
19
LGATE1
Lower Gate Driver Output for SMPS1. LGATE1 swings between GND and
VREG5.
20
PHASE1
Switch Node for SMPS1. PHASE1 is the internal lower supply rail for the
UGATE1 high side gate driver. PHASE1 is also the current-sense input for the
SMPS1.
21
UGATE1
Upper Gate Driver Output for SMPS1. UGATE1 swings between PHASE1 and
BOOT1.
22
BOOT1
Boost Flying Capacitor Connection for SMPS1. Connect to an external capacitor
according to the typical application circuits.
23
PGOOD
Power Good Output for Channel 1 and Channel 2. (Logical AND).
24
VOUT1
Bypass Pin for SMPS1. Connect to the SMPS1 output to bypass efficient power
for VREG5 pin. VOUT1 is also for the SMPS1 output soft-discharge.
15, 25
(Exposed Pad)
GND
Ground for SMPS Controller. The exposed pad must be soldered to a large PCB
and connected to GND for maximum power dissipation.


Similar Part No. - RT8223PZQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223BGQW RICHTEK-RT8223BGQW Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223L RICHTEK-RT8223L Datasheet
397Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223LGQW RICHTEK-RT8223LGQW Datasheet
397Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223LZQW RICHTEK-RT8223LZQW Datasheet
397Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computer
More results

Similar Description - RT8223PZQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223L RICHTEK-RT8223L Datasheet
397Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
logo
Analog Devices
ADP3020 AD-ADP3020 Datasheet
304Kb / 22P
   High-Efficiency Notebook Computer Power Supply Controller
REV. 0
ADP3026 AD-ADP3026 Datasheet
737Kb / 19P
   High-Efficiency Notebook Computer Power Supply Controller
REV. PrB 3/12/02
ADP3020 AD-ADP3020_15 Datasheet
309Kb / 22P
   High-Efficiency Notebook Computer Power Supply Controller
REV. 0
logo
Richtek Technology Corp...
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com