Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8223MZQW Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8223MZQW
Description  High Efficiency, Main Power Supply Controller for Notebook Computer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8223MZQW Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8223MZQW Datasheet HTML 3Page - Richtek Technology Corporation RT8223MZQW Datasheet HTML 4Page - Richtek Technology Corporation RT8223MZQW Datasheet HTML 5Page - Richtek Technology Corporation RT8223MZQW Datasheet HTML 6Page - Richtek Technology Corporation RT8223MZQW Datasheet HTML 7Page - Richtek Technology Corporation RT8223MZQW Datasheet HTML 8Page - Richtek Technology Corporation RT8223MZQW Datasheet HTML 9Page - Richtek Technology Corporation RT8223MZQW Datasheet HTML 10Page - Richtek Technology Corporation RT8223MZQW Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
RT8223L/M
7
DS8223L/M-04 April 2011
www.richtek.com
Electrical Characteristics
To be continued
(VIN = 12V, VEN = VENC = 5V, VENTRIP1 = VENTRIP2 = 2V, No Load, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Supply
VIN Standby Current
IVIN_SBY
VIN = 6V to 25V, ENTRIPx = GND
--
200
--
μA
VIN Shutdown Supply
Current
IVIN_SHDN
VIN = 6V to 25V,
ENTRIPx = EN = GND
--
20
40
μA
Quiescent Power
Consumption
PVIN
+PPVCC
Both SMPS On, VFBx = 2.1V,
SKIPSEL = GND, VOUT1 = 5V, VOUT2 = 3.3V
(Note 5)
--
5
7
mW
SMPS Output and FB Voltage
FBx Voltage
VFBx
DEM Mode
1.975
2
2.025
V
PWM Mode
(Note 6)
--
2
--
Ultrasonic Mode
--
2.032
--
Output Voltage Adjust
Range
VOUTx
SMPS1, SMPS2
2
--
5.5
V
VOUTx Discharge
Current
VOUTx = 0.5V, VENTRIPx = 0V
10
45
--
mA
On-Time
On-Time Pulse Width
tON
TONSEL =
GND
VOUT1 = 5.05V (200kHz)
1895
2105
2315
ns
VOUT2 = 3.33V (250kHz)
999
1110
1221
TONSEL = REF
VOUT1 = 5.05V (300kHz)
1227
1403
1579
VOUT2 = 3.33V (375kHz)
647
740
833
TONSEL =
VREG5
VOUT1 = 5.05V (400kHz)
895
1052
1209
VOUT2 = 3.33V (500kHz)
475
555
635
Minimum Off-Time
tOFF
VFBx = 1.9V
200
300
400
ns
Ultrasonic Mode
Frequency
SKIPSEL = VREG5 or VREG3
22
33
--
kHz
Soft-Start
Soft-Start Time
tSSx
Internal Soft-Start
--
2
--
ms
Current Sense
ENTRIPx Source
Current
IENTRIPx
VENTRIPx = 0.9V
9.4
10
10.6
μA
ENTRIPx Current
Temperature
Coefficient
TCIENTRIPx In Comparison with 25°C
(Note 6)
--
4700
--
ppm/°C
ENTRIPx Adjustment
Range
VENTRIPx = IENTRIPx x RENTRIPx
--
--
3
V
Current Limit
Threshold
GND
− PHASEx, VENTRIPx = 2V
180
200
220
mV
Zero-Current
Threshold
GND
− PHASEx in DEM
--
3
--
mV


Similar Part No. - RT8223MZQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223BGQW RICHTEK-RT8223BGQW Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223P RICHTEK-RT8223P Datasheet
311Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223PZQW RICHTEK-RT8223PZQW Datasheet
311Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
More results

Similar Description - RT8223MZQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223P RICHTEK-RT8223P Datasheet
311Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
logo
Analog Devices
ADP3020 AD-ADP3020 Datasheet
304Kb / 22P
   High-Efficiency Notebook Computer Power Supply Controller
REV. 0
ADP3026 AD-ADP3026 Datasheet
737Kb / 19P
   High-Efficiency Notebook Computer Power Supply Controller
REV. PrB 3/12/02
ADP3020 AD-ADP3020_15 Datasheet
309Kb / 22P
   High-Efficiency Notebook Computer Power Supply Controller
REV. 0
logo
Richtek Technology Corp...
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com