Electronic Components Datasheet Search |
|
030-3297-005 Datasheet(PDF) 6 Page - ITT Industries |
|
030-3297-005 Datasheet(HTML) 6 Page - ITT Industries |
6 / 19 page .260 (6.60)* .250 (6.35) .070 (1.78)* .060 (1.52) 5.355 (136.02) 5.345 (135.76) .135 (3.43)* .115 (2.92) 2.004 (50.90) 1.994 (50.65) 1.258 (31.95) 1.248 (31.70) 3.770 (95.76) 3.760 (95.50) .890 (22.61) .870 (22.10) 1.68 (4.27) .158 (4.01) 1.440 (36.58) 1.430 (36.32) 1.252 (31.80) 1.242 (31.55) 6.995 MAX (177.67) 6.500 (165.10) MAX 620 MIN (15.75) .130 (3.50) .120 (3.05) BKAE SERIES 1.402 (35.61) MAX 1.150 MAX (29.21) BKAD SERIES 1.102 (27.99) MAX .655 (16.64) .645 (16.38) .655 (16.64) .645 (16.38) 2.135 (54.23) 2.125 (53.98) 2.135 (54.23) 2.125 (53.98) BKAD SERIES 1.198 (30.43) MAX. BKAE SERIES 1.550 (39.37) MAX 6.975 MAX (177.16) BKAE SERIES 1.531 (38.89) MAX BKAD/BKAF SERIES 1.221 (31.01)MAX .130 (3.30) .120 (3.05) BKAD/BKAF SERIES 1.317 (33.45)MAX BKAE SERIES 1.670 (42.42 )MAX .188 (4.78) .184 (4.67) .188 (4.78) .184 (4.67) 6.645 (168.78) 6.629 (168.38) 6.355 (161.42) 6.345 (161.16) 6.627 (168.33) 6.607 (167.82) 6.355 (161.42) 6.345 (161.16) 1.953 (49.61) 1.947 (49.45) 3.310 MIN (84.07) .030 (.76)R MAX 4 PL .030 R MAX (.76) 4 PL .120 R MAX (3.05) 4 PL 6.353 (161.37) 6.347 (161.21) 6.515 MIN (165.48) .590 MAX (14.99) .385 (9.78) .375 (.952) .191 (4.85) .189 (4.80) 3 PL .180 (4.57) D .166 (4.22) 12 PL .2.889 (73.38) 2.883 (73.23) .250 (6.35) MAX .653 (16.59) .647 (16.43) 3.000 (76.20) MIN .287 R MAX (7.29) 8 PL .191 (4.85) .189 (4.80) 3 PL 3.275 (83.18) 3.245 (82.42) 2.891 (73.43) 2.881 (73.18) 1.955 (49.66 1.945 (49.40) 2.889 (73.38) 2.883 (73.23) 3 PL 6.870 (174.50) MIN .960 (24.38) .930 (23.62) 2 PL .240 MAX (6.10) .030 R MAX (.76) 2 PL .120 R MAX (3.05) 4.PL .180 (4.57) .166 (4.22) 14 PL 2.780 (70.61) MAX 2.20 (55.88) MIN 2.133 (54.18) 2.127 (54.03) .365 (9.27) .355 (9.02) .240 (6.10) MAX. 1.953 (49.61) 2 PL 1.947 (49.45) .653 (16.59) 2 PL .647 (16.43) D 3.275 (83.18) 3.245 (82.42) 2.891 (73.43) 2.881 (73.18) 1.955 (49.66) 1.945 (49.40) .148 +_ .003 DIA. (3.76 +_ 0.08) 14 PLCS MTG HOLES .148 +_ .003 DIA. (3.76 +_ 0.08) 14 PLCS MTG HOLES 2.712 (68.88) 2.702 (68.63) 2.875 (73.02) 2.865 (72.77) Retainer Plate Receptacle Plug Size 3 Plug Panel Cutout * This dimension indicates distance form centerline of retaining screw to the centerline of first contact cavity. For further information, refer to ARINC 600 specification or consult factory. Retainer Plate Size 3 Plug Panel Cutout * This dimension indicates distance form centerline of retaining screw to the centerline of first contact cavity. For further information, refer to ARINC 600 specification or consult factory. .260 (6.60)* .250 (6.35) .070 (1.78)* .060 (1.52) 5.355 (136.02) 5.345 (135.76) .135 (3.43)* .115 (2.92) 2.004 (50.90) 1.994 (50.65) 1.258 (31.95) 1.248 (31.70) 3.770 (95.76) 3.760 (95.50) .870 (22.10) .850 (21.59) 1.68 (4.27) .158 (4.01) 1.440 (36.58) 1.430 (36.32) 1.252 (31.80) 1.242 (31.55) 2.712 (68.88) 2.702 (68.63) 2.875 (73.02) 2.865 (72.77) ARINC 600 BKAD/E/F Shell Dimensions- Size 3 9 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change |
Similar Part No. - 030-3297-005 |
|
Similar Description - 030-3297-005 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |