Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT6030 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT6030
Description  4-CH LED Current Source Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6030 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT6030 Datasheet HTML 2Page - Richtek Technology Corporation RT6030 Datasheet HTML 3Page - Richtek Technology Corporation RT6030 Datasheet HTML 4Page - Richtek Technology Corporation RT6030 Datasheet HTML 5Page - Richtek Technology Corporation RT6030 Datasheet HTML 6Page - Richtek Technology Corporation RT6030 Datasheet HTML 7Page - Richtek Technology Corporation RT6030 Datasheet HTML 8Page - Richtek Technology Corporation RT6030 Datasheet HTML 9Page - Richtek Technology Corporation RT6030 Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
RT6030
DS6030-02 March 2011
www.richtek.com
PD(MAX) = (125
°C − 25°C) / (95°C/W) = 1.053W for
SOP-16 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. For the RT6030 package, the derating
curve in Figure 1 allows the designer to see the effect of
rising ambient temperature on the maximum power
dissipation.
Figure 1. Derating Curve for RT6030 Package
Layout Considerations
There are three critical layout considerations.
First the current setting resistor should be placed as
close as possible to the RT6030 to prevent any noise
coupling.
Second of all CIN and COUT should be placed near the
RT6030 for good performance.
Last of all, proper copper area for the pass element
should be acknowledged. Pass elements operating
under high power situations can result in abnormally
junction temperature. In addition to the package thermal
resistance limit, the copper area should be increased
accordingly to improve the power dissipation.
VCC12
EN2
FB2
DRI2
EN4
GND
FB4
DRI1
FB1
GND
EN1
FB3
DRI3
EN3
DRI4
VCC34
6
7
8
4
5
2
3
16
13
15
14
12
9
11
10
GND
RDRI3
R3
VCC
C12
VLED
RDRI1
R1
R2
RDRI2
VCC
GND
RDRI4
R4
C34
The GND plane should be
connected to a strong ground
plane for heat sinking and
noise protection.
CIN should be placed near the
IC for improve performance.
FBx node copper area
should be minimized
and kept far away
from noise sources.
VLED
VLED
VLED
Figure 2. PCB Layout Guide
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
025
50
75
100
125
Ambient Temperature (°C)
Single-Layer PCB


Similar Part No. - RT6030

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RT600 NXP-RT600 Datasheet
6Mb / 165P
   Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs
Rev. 1.9-30 December 2021
RT600 NXP-RT600 Datasheet
6Mb / 167P
   Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
Rev. 2.0-1 April 2022
RT600 NXP-RT600 Datasheet
5Mb / 171P
   Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
Rev. 2.1 - 7 July 2023
RT600 NXP-RT600 Datasheet
5Mb / 171P
   Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
Rev. 2.2 - 25 January 2024
RT600 NXP-RT600_V01 Datasheet
6Mb / 167P
   Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC; Analog Comparator; Audio
Rev. 2.0-1 April 2022
More results

Similar Description - RT6030

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9052 RICHTEK-RT9052 Datasheet
212Kb / 9P
   Single Channel LED Current Source Controller
logo
Lowpower Semiconductor ...
LP3164 POWER-LP3164 Datasheet
131Kb / 5P
   4-Channel Current Source White LED Driver
logo
Richtek Technology Corp...
RT8489 RICHTEK-RT8489 Datasheet
310Kb / 16P
   High Voltage 4-CH LED Driver Controller
logo
Supertex, Inc
HV9906DB2 SUTEX-HV9906DB2 Datasheet
287Kb / 4P
   Off-Line Current Source Controller
HV9906DB4 SUTEX-HV9906DB4 Datasheet
218Kb / 3P
   Off-Line Current Source Controller
logo
Diodes Incorporated
AL3065A DIODES-AL3065A Datasheet
443Kb / 16P
   BOOST CONTROLLER WITH 4-CHANNEL HIGH PERCISION CURRENT SOURCE
logo
Supertex, Inc
HV9906DB3 SUTEX-HV9906DB3 Datasheet
200Kb / 3P
   Off-Line PFC Current Source Controller
logo
Fairchild Semiconductor
FAN7346 FAIRCHILD-FAN7346 Datasheet
1Mb / 19P
   4-Channel LED Current Balance Controller
logo
ON Semiconductor
FAN7346 ONSEMI-FAN7346 Datasheet
3Mb / 21P
   4-Channel LED Current Balance Controller
ctober, 2016 ??Rev. 0
AND8109 ONSEMI-AND8109 Datasheet
32Kb / 2P
   LED CONSTANT CURRENT SOURCE SCHEME
January, 2003 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com