Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82541110 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 82541110
Description  HIGH SURGE 1206 SMD VARISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

82541110 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  82541110 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 82541110 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 82541110 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 82541110 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 82541110 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Artikelnummer / part number :
82.541.110
Bezeichnung :
description :
HIGH SURGE 1206 SMD VARISTOR
SMD size:
1206
D Rollenspezifikation / tape and reel specification :
(Unit : mm)
REEL DIMENSION
(Unit : mm)
*
* 2.0 mm for 361 and 391
* 2.5 mm for 431 and 471
QUANTITY PER PACKING UNIT
Kunde / customer :
Spezifikation für Freigabe / specification for release
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
Würth Elektronik eiSos GmbH & Co.KG - Radialex department
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
A
B
W
D
C
E
W1
Symbol
A
B
C
D
E
W
W1
0402
178.0±1.0
60.0±0.5
13.0±0.2
21.0±0.2
2.0±0.5
9.0±0.50
1.5±0.15
0603
178.0±1.0
60.0±0.5
13.0±0.2
21.0±0.2
2.0±0.5
9.0±0.50
1.5±0.15
0805
178.0±1.0
60.0±0.5
13.0±0.2
21.0±0.2
2.0±0.5
9.0±0.50
1.5±0.15
1206
178.0±1.0
60.0±0.5
13.0±0.2
21.0±0.2
2.0±0.5
9.0±0.50
1.5±0.15
1210
178.0±1.0
60.0±0.5
13.0±0.2
21.0±0.2
2.0±0.5
9.0±0.50
1.5±0.15
1812
178.0±1.0
60.0±0.5
13.5±0.1
21.0±0.2
2.0±0.5
13.6±0.2
1.5±0.15
2220
178.0±1.0
60.0±0.5
13.5±0.1
21.0±0.2
2.0±0.5
13.6±0.2
1.5±0.15
Type
402
603
805
1206
1210
1812
2220
Pcs/reel
10 000
4 000
3 000
3 000
2 000
1 000
1 000
PAGE/SEITE 4 - TO/VON 5


Similar Part No. - 82541110

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82541140 WURTH-82541140 Datasheet
165Kb / 5P
   HIGH SURGE 1206 SMD VARISTOR
More results

Similar Description - 82541110

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82541250 WURTH-82541250 Datasheet
165Kb / 5P
   HIGH SURGE 1206 SMD VARISTOR
82541350 WURTH-82541350 Datasheet
165Kb / 5P
   HIGH SURGE 1206 SMD VARISTOR
82541300 WURTH-82541300 Datasheet
165Kb / 5P
   HIGH SURGE 1206 SMD VARISTOR
82541140 WURTH-82541140 Datasheet
165Kb / 5P
   HIGH SURGE 1206 SMD VARISTOR
82551250 WURTH-82551250 Datasheet
165Kb / 5P
   1206 SMD VARISTOR
82551170 WURTH-82551170 Datasheet
165Kb / 5P
   1206 SMD VARISTOR
82531400 WURTH-82531400 Datasheet
281Kb / 5P
   1206 SMD VARISTOR
82551300 WURTH-82551300 Datasheet
165Kb / 5P
   1206 SMD VARISTOR
82531040 WURTH-82531040 Datasheet
281Kb / 5P
   1206 SMD VARISTOR
82531140 WURTH-82531140 Datasheet
281Kb / 5P
   1206 SMD VARISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com