Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1577SY Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SG1577SY
Description  Dual Synchronous DC/DC Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG1577SY Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button SG1577SY_12 Datasheet HTML 2Page - Fairchild Semiconductor SG1577SY_12 Datasheet HTML 3Page - Fairchild Semiconductor SG1577SY_12 Datasheet HTML 4Page - Fairchild Semiconductor SG1577SY_12 Datasheet HTML 5Page - Fairchild Semiconductor SG1577SY_12 Datasheet HTML 6Page - Fairchild Semiconductor SG1577SY_12 Datasheet HTML 7Page - Fairchild Semiconductor SG1577SY_12 Datasheet HTML 8Page - Fairchild Semiconductor SG1577SY_12 Datasheet HTML 9Page - Fairchild Semiconductor SG1577SY_12 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG1577 • Rev. 1.0.6
6
Electrical Characteristics
VCC=12 V, TA =25
°C, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Oscillator
fosc
Oscillator Frequency
RRT=OPEN
54
60
66
KHz
RRT=GND
288
320
352
fosc,rt
Total Accuracy
20 k
Ω<RRT
-10
10
%
DON_MAX
Maximum Duty Cycle
85
90
95
%
Error Amplifier
VREF
Internal Reference Voltage
VCC=8 V, VCC=15 V
0.6895
0.7000
0.7105
V
VREF
Temperature Coefficient
(1)
TA=0~85
°C
0.03
mV/
°C
AVOL
Open-Loop Voltage Gain
77
dB
BW
Unity Gain Bandwidth
3.5
MHz
PSRR
Power Supply Rejection Ratio
50
dB
ISOURCE
Output Source Current
IN1=IN2=0.6 V
60
80
100
µA
ISINK
Output Sink Current
IN1=IN2=0.8 V
500
µA
VH COMP
Output Voltage
IN1=IN2=0.6 V
5
V
VL COMP
Output Voltage
IN1=IN2=0.8 V
100
mV
Soft Start
ISOURCE
Soft-Start Charge Current
VCLP<VCLN
8
10
12
µA
ISINK
Soft-Start Discharge Current
VCLP>VCLN
0.8
1.0
1.2
µA
Protections
IOSCET
OC Sink Current
VCC=12 V
90
120
150
µA
TOT
Over-Temperature
150
°C
TOT_hys
Over-Temperature Hysteresis
20
°C
VOVP
Over-Voltage Protection of IN
VOVP/VIN
112
125
%
Output
IDH
High-Side Current Source
VBST - VCLN=12 V,VDH -
VCLN=6 V
1.0
1.7
A
RDH
High-Side Sink Resistor
VBST - VCLN=12 V
3.3
4.0
IDL
Low-Side Current Source
VCC=12 V,VDL=6 V
1.0
1.7
A
RDL
Low-Side Sink Resistor
VCC=12 V
3.1
4
tDT
Dead Time
(2)
VCC=12 V, DH and DL=1000 pF
10
40
70
ns
Total Operating Current
ICC_OP
Operating Supply Current
VCC=12 V, No Load
3.3
4.3
5.3
mA
ICC_SBY
Standby Current (Disabled)
SS1/ENB=SS2/ENB=0 V
0.55
1.00
mA
Notes:
1.
Not test in production, 30 pcs sample.
2.
When VDL falls less than 2 V relative to VDH rising to 2 V.


Similar Part No. - SG1577SY_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG1577SY FAIRCHILD-SG1577SY Datasheet
863Kb / 15P
   Dual Synchronous DC/DC Controller
More results

Similar Description - SG1577SY_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
FAN1577A FAIRCHILD-FAN1577A Datasheet
1Mb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577 Datasheet
653Kb / 14P
   Dual Synchronous DC/DC Controller
SG1577A FAIRCHILD-SG1577A Datasheet
582Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_10 Datasheet
863Kb / 15P
   Dual Synchronous DC/DC Controller
logo
Rohm
BD9011EKN ROHM-BD9011EKN Datasheet
442Kb / 6P
   Dual Synchronous DC/DC converter controller
BD9011KV ROHM-BD9011KV Datasheet
448Kb / 6P
   Dual Synchronous DC/DC converter controller
BD9040FV ROHM-BD9040FV Datasheet
356Kb / 6P
   Dual Synchronous DC/DC converter controller
BD9045FV ROHM-BD9045FV Datasheet
379Kb / 6P
   Dual Synchronous DC/DC converter controller
logo
Semtech Corporation
SC1189 SEMTECH-SC1189_05 Datasheet
275Kb / 16P
   Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com