Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV4141A Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # RV4141A
Description  Low-Power, Ground-Fault Interrupter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RV4141A Datasheet(HTML) 6 Page - Fairchild Semiconductor

  RV4141A_11 Datasheet HTML 1Page - Fairchild Semiconductor RV4141A_11 Datasheet HTML 2Page - Fairchild Semiconductor RV4141A_11 Datasheet HTML 3Page - Fairchild Semiconductor RV4141A_11 Datasheet HTML 4Page - Fairchild Semiconductor RV4141A_11 Datasheet HTML 5Page - Fairchild Semiconductor RV4141A_11 Datasheet HTML 6Page - Fairchild Semiconductor RV4141A_11 Datasheet HTML 7Page - Fairchild Semiconductor RV4141A_11 Datasheet HTML 8Page - Fairchild Semiconductor RV4141A_11 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
RV4141A • Rev. 1.0.8
6
The SCR anode is directly connected to a solenoid or
relay coil. It can be tripped only when its anode is more
positive than its cathode. It must have a high dV/dt
rating to ensure that line noise (generated by electrically
noisy appliances) does not falsely trigger it. Also the
SCR must have a gate drive requirement less than
200μA. C3 is a noise filter that prevents high-frequency
line pulses from triggering the SCR. The relay solenoid
should have a response time of 3ms or less to meet the
UL 943 timing requirement.
Sense Transformers and Cores
The sense and ground/neutral transformer cores are
usually fabricated using high-permeability laminated
steel rings. Their single-turn primary is created by
passing the line and neutral wires through the center of
its core. The secondary is usually from 200 to 1500
turns. Transformers may be obtained from Magnetic
Metals, Inc. (www.magmet.com).
Calculating the Values of RSET and C2
Determine
the
nominal
ground-fault
trip-current
requirement. This is typically 5mA in North America
(117VAC) and 22mA in the UK and Europe (220VAC).
Determine the minimum delay time required to prevent
nuisance tripping, typically 1 to 2ms. The value of C2
required to provide the desired delay time is:
t
C
 6
2
(2)
where:
C2 is in Nf and t is the desired delay time in ms.
The value of RSET to meet the nominal ground fault trip
current specification is:
180(t/P)
COS
I
N
4.6
R
FAULT
SET
(3)
where:
RSET is in k
t is the time delay in ms;
P is the period of the line frequency in ms;
IFAULT is the desired ground fault trip current in mA RMS;
N is the number of sense transformer secondary turns.
Note:
2.
This formula assumes an ideal sense transformer is
used. The calculated value of RSET may have to be
changed up to 30% when using a non-ideal
transformer.
Figure 3. GFI Application Circuit


Similar Part No. - RV4141A_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4141AM FAIRCHILD-RV4141AM Datasheet
345Kb / 8P
   Low Power Ground Fault Interrupter
RV4141AMT FAIRCHILD-RV4141AMT Datasheet
67Kb / 7P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4141AMT ONSEMI-RV4141AMT Datasheet
487Kb / 11P
   Low-Power, Ground-Fault Interrupter
December 2011 Rev. 1.0.8
logo
Fairchild Semiconductor
RV4141AN FAIRCHILD-RV4141AN Datasheet
345Kb / 8P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4141AN ONSEMI-RV4141AN Datasheet
487Kb / 11P
   Low-Power, Ground-Fault Interrupter
December 2011 Rev. 1.0.8
More results

Similar Description - RV4141A_11

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A_16 Datasheet
440Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A Datasheet
345Kb / 8P
   Low Power Ground Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A Datasheet
267Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4145A FAIRCHILD-RV4145A Datasheet
367Kb / 11P
   Low Power Ground Fault Interrupter
RV4145A FAIRCHILD-RV4145A_04 Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
logo
Unisonic Technologies
GV4145A UTC-GV4145A_15 Datasheet
303Kb / 7P
   LOW POWER GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_05 Datasheet
67Kb / 7P
   Low Power Ground Fault Interrupter
logo
ON Semiconductor
RV4141A ONSEMI-RV4141A Datasheet
487Kb / 11P
   Low-Power, Ground-Fault Interrupter
December 2011 Rev. 1.0.8
logo
Integral Corp.
IL4145A INTEGRAL-IL4145A Datasheet
265Kb / 7P
   Low Power Ground Fault Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com