Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDT451AN Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NDT451AN
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDT451AN Datasheet(HTML) 6 Page - Fairchild Semiconductor

  NDT451AN_09 Datasheet HTML 1Page - Fairchild Semiconductor NDT451AN_09 Datasheet HTML 2Page - Fairchild Semiconductor NDT451AN_09 Datasheet HTML 3Page - Fairchild Semiconductor NDT451AN_09 Datasheet HTML 4Page - Fairchild Semiconductor NDT451AN_09 Datasheet HTML 5Page - Fairchild Semiconductor NDT451AN_09 Datasheet HTML 6Page - Fairchild Semiconductor NDT451AN_09 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NDT451AN Rev. D1
Typical Thermal Characteristics
0
0.2
0.4
0.6
0.8
1
3
4
5
6
7
8
2oz COPPER MOUNTING PAD AREA (in )
2
1c
1b
1a
4.5"x5" FR-4 Board
T = 25 C
Still Air
V
= 10V
A
o
GS
Figure 13. Maximum Steady-State Drain Current
versus Copper Mounting Pad Area.
0.1
0.2
0.5
1
2
5
10
30
50
0.01
0.05
0.1
0.2
0.5
1
5
10
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1s
100ms
10s
10ms
RDS(ON)
LIMIT
DC
1ms
V
= 10V
SINGLE PULSE
R
= See Note 1c
T
= 25°C
GS
A
θJA
100us
Figure 14. Maximum Safe Operating Area.
Figure 15. Transient Thermal Response Curve
.
Note: Thermal characterization performed using the conditions described in note 1c. Transient thermal response will change
depending on the circuit board design.
0
0.2
0.4
0.6
0.8
1
0.5
1
1.5
2
2.5
3
3.5
2oz COPPER MOUNTING PAD AREA (in )
2
1c
1b
1a
4.5"x5" FR-4 Board
T = 25 C
Still Air
A
o
Figure 12. SOT-223 Maximum Steady-State
Power Dissipation versus Copper
Mounting Pad Area.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t / t
1
2
R
(t) = r(t) * R
R
= See Note 1 c
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2


Similar Part No. - NDT451AN_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDT451AN FAIRCHILD-NDT451AN Datasheet
227Kb / 10P
   N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
NDT451AN VBSEMI-NDT451AN Datasheet
1,008Kb / 8P
   N-Channel 30 V (D-S) MOSFET
logo
ON Semiconductor
NDT451AN ONSEMI-NDT451AN Datasheet
484Kb / 8P
   N-Channel Enhancement Mode Field Effect Transistor
September-2017, Rev. 4
More results

Similar Description - NDT451AN_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com