Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC5338D Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KSC5338D
Description  NPN Triple Diffused Planar Silicon Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5338D Datasheet(HTML) 6 Page - Fairchild Semiconductor

  KSC5338D_10 Datasheet HTML 1Page - Fairchild Semiconductor KSC5338D_10 Datasheet HTML 2Page - Fairchild Semiconductor KSC5338D_10 Datasheet HTML 3Page - Fairchild Semiconductor KSC5338D_10 Datasheet HTML 4Page - Fairchild Semiconductor KSC5338D_10 Datasheet HTML 5Page - Fairchild Semiconductor KSC5338D_10 Datasheet HTML 6Page - Fairchild Semiconductor KSC5338D_10 Datasheet HTML 7Page - Fairchild Semiconductor KSC5338D_10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSC5338D/KSC5338DW Rev. B1
6
Typical Characteristics (Continued)
Figure 13. Inductive Fall Time
Figure 14. Safe Operating Area
Figure 15. Reverse Bias Safe Operating
Figure 16. Power Derating
Figure 17. RBSOA Saturation
2
4
6
8
10
12
14
16
18
20
0
200
400
600
800
1000
I
Bon = IBoff
V
CC = 15V
V
Z = 300V
L
C = 200µH
I
C = 2A @ TJ=125
oC
I
C = 2A @ TJ=25
oC
I
C = 1A @ TJ=125
oC
I
C = 1A @ TJ=25
oC
h
FE, FORCED GAIN
10
100
1000
0.01
0.1
1
10
100
DC
5ms
1ms
1
µs
10
µS
V
CE[V], COLLECTOR-EMITTER VOLTAGE
200
300
400
500
600
700
800
900
1000
1100
0
1
2
3
4
5
6
7
8
-5V
Vcc = 50V
V
BE(off) = -5V
L
C = 1mH
Ic = 4 Ib
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
25
50
75
100
TC[
OC], CASE TEMPERATURE
01234
56789
10
0
1
2
3
4
5
6
Ic = 3.3 Ib
Ic = 4 Ib
Ic = 2.2 Ib
Ic = 5 Ib
Vcc = 50V
V
BE(off) = -5V
L
C = 1mH
I
CE[A], COLLECTOR CURRENT


Similar Part No. - KSC5338D_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5338DW FAIRCHILD-KSC5338DW Datasheet
95Kb / 8P
   High Voltage Power Switch Switching Application
More results

Similar Description - KSC5338D_10

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1555 WINGS-2SD1555 Datasheet
29Kb / 1P
   NPN TRIPLE DIFFUSED(PLANAR SILICON TRANSISTOR)
logo
Fairchild Semiconductor
FJAF6810D FAIRCHILD-FJAF6810D Datasheet
77Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJAF6910 FAIRCHILD-FJAF6910 Datasheet
109Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJL6825 FAIRCHILD-FJL6825 Datasheet
107Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
KSD5072 FAIRCHILD-KSD5072 Datasheet
95Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Sanken electric
2SC3835 SANKEN-2SC3835_07 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3927 SANKEN-2SC3927_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC4140 SANKEN-2SC4140_01 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com