Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC5305DF Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSC5305DF
Description  NPN Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5305DF Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSC5305DF_09 Datasheet HTML 1Page - Fairchild Semiconductor KSC5305DF_09 Datasheet HTML 2Page - Fairchild Semiconductor KSC5305DF_09 Datasheet HTML 3Page - Fairchild Semiconductor KSC5305DF_09 Datasheet HTML 4Page - Fairchild Semiconductor KSC5305DF_09 Datasheet HTML 5Page - Fairchild Semiconductor KSC5305DF_09 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSC5305DF Rev. A3
1
September 2009
KSC5305DF
NPN Silicon Transistor
Features
• High Voltage High Speed Power Switch
Application
• Built-in Free-wheeling Diode makes efficient anti saturation operation
• Suitable for half bridge light ballast Applications
• No need to interest an hFE value because of low variable storage-time spread even though corner spirit product
• Low base drive requirement
Absolute Maximum Ratings T
A=25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
Value
Units
VCBO
Collector Base Voltage
800
V
VCEO
Collector Emitter Voltage
400
V
VEBO
Emitter Base Voltage
12
V
IC
Collector Current (DC)
5
A
ICP
*Collector Current (Pulse)
10
A
IB
Base Current (DC)
2
A
IBP
*Base Current (Pulse)
4
A
PC
Power Dissipation (TC=25°C)
40
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature range
-65 to +150
°C
Symbol
ParameterRating
Units
RθJC
Thermal Resistance, Junction to Case
3.125
°C/W
RθJA
Thermal Resistance, Junction to Ambient
69.5
°C/W
C
B
E
Equivalent Circuit
1
1.Base
2.Collector
3.Emitter
TO-220F


Similar Part No. - KSC5305DF_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5305DFTTU FAIRCHILD-KSC5305DFTTU Datasheet
102Kb / 6P
   High Voltage High Speed Power Switch Application
More results

Similar Description - KSC5305DF_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com