Electronic Components Datasheet Search |
|
82532250 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
82532250 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 5 page Artikelnummer / part number : 82532250 Datum / Date : 01.06.10 Bezeichnung : description : HIGH SURGE 2220 SMD VARISTOR Lead Free SMD size: 2220 A Mechanische Abmessungen / dimensions : SIZE (Unit : mm) B Elektrische Eigenschaften / electrical properties : TECHNICAL DATA Clamping Peak Breakdown Voltage Current Voltage AC DC V (*2) A (*3) J (*4) V (*1) pF (*4) 82532250 25 30 72 1200 9.6 39 ( 35.88~42.12 ) 8900 * 1 The varistor voltage was measured at 1 mA current , tolerance at 12~18V(+-15%),exceed 22V (+-10%) Or tolerance to specify at : - * 2 The Clamping voltage tolerance at 12~18V(+-15%),exceed 22V (+-10%). Clamping voltage measured at standard current (A) : 10 A Energy Spezifikation für Freigabe / specification for release Part Number Capacitance Kunde / customer : ROHS Compliant Working Voltage SISE W L T a 0402 0.5 1.0 0.6 0.25 0603 0.8 1.6 0.9 0.3 0805 1.25 2.0 1.2 0.3 1206 1.6 3.2 1.5 0.5 1210 2.5 3.2 1.5 0.5 1812 3.2 4.5 2.0 0.5 2220 5.0 5.7 2.5 0.5 * 2 The Clamping voltage tolerance at 12~18V(+-15%),exceed 22V (+-10%). Clamping voltage measured at standard current (A) : 10 A * 3 The Peak Current was tested at 8/20 us waveform * 4. The capacitance value and Energy only for customer reference, it’s not formal specification Capacitance value measured at standard frequency : 1 kHz SURGE LEVEL IEC61000-4-5 Severity Level (kV) 1 0,5 2 1 3 2 4 4 X Special Wave during T1 T2 8/20 s 8 s 20 s 10/700 s CCITT 10 s 700 s 10/1000 s 10 s 1000 s REFERENCE DATA Response time Trise < 1 ns Leakage current at Vv × 80% I v v < 50 µA Leakage current at Vv × 80% (After reliability Test) I v v A < 200 µA Operating ambient temperature -40~+85 ℃ Storage temperature -50~+125 ℃ Max. temperature solder 260 ℃ OTHER DATA Body ZnO End termination Ag/Ni/Sn Packaging Reel Complies with Standard IEC61000-4-5 Procedure Solgel Marking None 2220 http://www.we-online.com Würth Elektronik eiSos GmbH & Co.KG - Radialex department Würth Elektronik eiSos GmbH & Co.KG - Radialex department Würth Elektronik eiSos GmbH & Co.KG - Radialex department Würth Elektronik eiSos GmbH & Co.KG - Radialex department D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 SISE W L T a 0402 0.5 1.0 0.6 0.25 0603 0.8 1.6 0.9 0.3 0805 1.25 2.0 1.2 0.3 1206 1.6 3.2 1.5 0.5 1210 2.5 3.2 1.5 0.5 1812 3.2 4.5 2.0 0.5 2220 5.0 5.7 2.5 0.5 http://www.we-online.com SISE W L T a 0402 0.5 1.0 0.6 0.25 0603 0.8 1.6 0.9 0.3 0805 1.25 2.0 1.2 0.3 1206 1.6 3.2 1.5 0.5 1210 2.5 3.2 1.5 0.5 1812 3.2 4.5 2.0 0.5 2220 5.0 5.7 2.5 0.5 PAGE/SEITE 1 - TO/VON 5 |
Similar Part No. - 82532250 |
|
Similar Description - 82532250 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |