Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCX18N00A Datasheet(PDF) 6 Page - Sony Corporation

Part # MCX18N00A
Description  Micro Unit CCD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

MCX18N00A Datasheet(HTML) 6 Page - Sony Corporation

Back Button MCX18N00A Datasheet HTML 2Page - Sony Corporation MCX18N00A Datasheet HTML 3Page - Sony Corporation MCX18N00A Datasheet HTML 4Page - Sony Corporation MCX18N00A Datasheet HTML 5Page - Sony Corporation MCX18N00A Datasheet HTML 6Page - Sony Corporation MCX18N00A Datasheet HTML 7Page - Sony Corporation MCX18N00A Datasheet HTML 8Page - Sony Corporation MCX18N00A Datasheet HTML 9Page - Sony Corporation MCX18N00A Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
– 6 –
MCX18N00A/MCX18N00B
2
3
4
SUBOUT
4FSCO
OSC
4FSC
OSC
SIFSEL
7
5
TEST
6
4FSCI
Item
Symbol
Unit
Min.
Typ.
Max.
Pins
Conditions
Output voltage 1
Output voltage 2
Output voltage 3
Output voltage 4
Output voltage 5
Hysteresis 1
Hysteresis 2
Threshold value 1
Threshold value 2
Threshold value 3
Feedback resistance 1
Feedback resistance 2
Input amplitude
Pull-up resistance
DC amplifier gain
Input leak current 1
Input leak current 2
VOH1
VOL1
VOH2
VOL2
VOH3
VOL3
VOH4
VOL4
VOH5
VOL5
VTH1
VTH2
VTH3
RFE1
RFE2
RPU
G
II3
II2
IOH1 = –1.2mA
IOL1 = 2.4mA
IOH2 = –2.4mA
IOL2 = 4.8mA
IOH3 = –8mA
IOL3 = 8mA
IOH4 = –4mA
IOL4 = 5.4mA
IOH5 = –3mA
IOL5 = 3mA
OSCI = DVDD1 or GND
4FSCI = AVDD4 or GND
50MHz sine wave
VIN = DVDD2
VIN = GND or DVDD2
V
V
V
V
V
V
V
V
V
V
Vp-p
µA
µA
DVDD2 – 0.8
DVDD2 – 0.8
DVDD1/2
VH – 0.25
AVDD4/2
500k
250k
0.5
50k
12
–10
0.5
0.6
1.35
DVDD1/2
AVDD4/2
2M
1M
100k
4.4
30
0.4
0.4
DVDD1/2
VL + 0.25
AVDD4/2
5M
2.5M
150k
75
10
1 RESETTG
2 CSEVR, CSROM, SO, PCOMP, VD, HD
3 CASO, CASCK
4 OSCO
5 XCS, SI, SCK, XCLR, CASI
6 OSCI, CK
7 SIFSEL
1
5


Similar Part No. - MCX18N00A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
MCX18LG0A SONY-MCX18LG0A Datasheet
238Kb / 23P
   Micro Unit CCD
MCX18LG0B SONY-MCX18LG0B Datasheet
238Kb / 23P
   Micro Unit CCD
More results

Similar Description - MCX18N00A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
MCX18LG0A SONY-MCX18LG0A Datasheet
238Kb / 23P
   Micro Unit CCD
logo
Hitachi Semiconductor
HD68000 HITACHI-HD68000 Datasheet
5Mb / 85P
   MPU(MICRO PROCESSING UNIT)
HD6809 HITACHI-HD6809 Datasheet
2Mb / 33P
   MCU (MICRO PROCESSING UNIT)
logo
List of Unclassifed Man...
AMU-C ETC-AMU-C Datasheet
86Kb / 1P
   Micro EM Clutch/Brake Unit
MP ETC-MP Datasheet
122Kb / 1P
   Micro EM Clutch/Brake Unit
logo
Hitachi Semiconductor
HD63B09 HITACHI-HD63B09 Datasheet
2Mb / 45P
   CMOS MPU(MICRO PROCESSING UNIT)
logo
Panasonic Semiconductor
BR2330AVA PANASONIC-BR2330AVA Datasheet
19Kb / 1P
   Lithium and Micro Battery Business Unit
BR1225AHB PANASONIC-BR1225AHB Datasheet
23Kb / 1P
   Lithium and Micro Battery Business Unit
BR2477AHB PANASONIC-BR2477AHB Datasheet
19Kb / 1P
   Lithium and Micro Battery Business Unit
BR1225AFA PANASONIC-BR1225AFA Datasheet
21Kb / 1P
   Lithium and Micro Battery Business Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com