Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ0270RNA Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSQ0270RNA
Description  Green Mode Fairchild Power Switch (FPS??
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0270RNA Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSQ0270RNA_11 Datasheet HTML 5Page - Fairchild Semiconductor FSQ0270RNA_11 Datasheet HTML 6Page - Fairchild Semiconductor FSQ0270RNA_11 Datasheet HTML 7Page - Fairchild Semiconductor FSQ0270RNA_11 Datasheet HTML 8Page - Fairchild Semiconductor FSQ0270RNA_11 Datasheet HTML 9Page - Fairchild Semiconductor FSQ0270RNA_11 Datasheet HTML 10Page - Fairchild Semiconductor FSQ0270RNA_11 Datasheet HTML 11Page - Fairchild Semiconductor FSQ0270RNA_11 Datasheet HTML 12Page - Fairchild Semiconductor FSQ0270RNA_11 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0170RNA, FSQ0270RNA Rev. 1.0.5
9
Functional Description
1. Startup: In previous generations of Fairchild Power
Switches (FPS™), the Vstr pin required an external
resistor to the DC input voltage line. In this generation,
the startup resistor is replaced by an internal high-
voltage current source and a switch that shuts off 10ms
after the supply voltage, VCC, goes above 12V. The
source turns back on if VCC drops below 8V.
Figure 13. High-Voltage Current Source
2. Feedback Control: The 700V FPS series employs
current-mode control, as shown in Figure 14. An opto-
coupler (such as the H11A817A) and shunt regulator
(such as the KA431) are typically used to implement the
feedback network. Comparing the feedback voltage with
the voltage across the Rsense resistor of SenseFET, plus
an offset voltage, makes it possible to control the
switching duty cycle. When the shunt regulator reference
pin voltage exceeds the internal reference voltage of
2.5V, the opto-coupler LED current increases, the
feedback voltage VFB is pulled down and thereby
reduces the duty cycle. This typically happens when the
input voltage increases or the output load decreases.
Figure 14. Pulse Width Modulation Circuit
3. Leading Edge Blanking (LEB): When the internal
SenseFET is turned on, the primary-side capacitance
and secondary-side rectifier diode reverse recovery
typically
cause
a
high-current
spike
through
the
SenseFET. Excessive voltage across the Rsense resistor
leads to incorrect feedback operation in the current-
mode PWM control. To counter this effect, the FPS
employs a Leading Edge Blanking (LEB) circuit. This
circuit inhibits the PWM comparator for a short time
(tLEB) after the Sense FET is turned on.
4. Protection Circuits: The FPS has several protective
functions, such as Overload Protection (OLP), Over-
Voltage
Protection
(OVP),
Under-Voltage
Lockout
(UVLO), and Thermal Shutdown (TSD). Because these
protection circuits are fully integrated in the IC without
external components, reliability is improved without
increasing cost. Once a fault condition occurs, switching
is terminated and the SenseFET remains off. This
causes VCC to fall. When VCC reaches the UVLO stop
voltage, VSTOP (typically 8V), the protection is reset and
the internal high-voltage current source charges the VCC
capacitor via the Vstr pin. When VCC reaches the UVLO
start voltage, VSTART (typically 12V), the FPS resumes
its normal operation. In this manner, the auto-restart can
alternately enable and disable the switching of the power
SenseFET until the fault condition is eliminated.
4.1 Overload Protection (OLP): Overload is defined as
the load current exceeding a pre-set level due to an
unexpected event. In this situation, the protection circuit
should be activated to protect the SMPS. However, even
when the SMPS is operating normally, the OLP circuit
can be activated during the load transition. To avoid this
undesired operation, the OLP circuit is designed to be
activated after a specified time to determine whether it is
a transient situation or a true overload situation. In
conjunction with the IPK current limit pin (if used), the
current mode feedback path limits the current in the
SenseFET when the maximum PWM duty cycle is
attained. If the output consumes more than this
maximum power, the output voltage (VO) decreases
below nominal voltage. This reduces the current through
the opto-coupler LED, which also reduces the opto-
coupler transistor current, thus increasing the feedback
voltage (VFB). If VFB exceeds 3V, the feedback input
diode is blocked and the 5µA current source (IDELAY)
starts to slowly charge CFB up to VCC. In this condition,
VFB increases until it reaches 6V, when the switching
operation is terminated, as shown in Figure 15. The
shutdown delay time is the time required to charge CFB
from 3V to 6V with 5µA current source.
Figure 15. Overload Protection (OLP)
4.2 Thermal Shutdown (TSD): The SenseFET and the
control IC are integrated, making it easier for the control
V
IN,dc
V
str
V
cc
10ms after
V
cc
≥12V
UVLO off
V
cc<8V
UVLO on
I
STR
J-FET
I
CH
FSQ0x70RNA Rev. 1.00
3
OSC
V
CC
5
A
900
A
V
SD
R
2.5R
Gate
driver
OLP
D1
D2
V
FB
431
C
FB
V
O
+
-
V
FB,in
V
CC
FSQ0x70RNA Rev. 1.00
FB
21
12
1
2
()
( )
;
5
,
( )3 ,
(
)6
FB
DELAY
DELAY
Vt
V t
t
C
I
A Vt
VV t
V
I

V
FB
t
3V
6V
Overload Protection
t
12= CFB
×(V(t
2)-V(t1)) / IDELAY
t
1
t
2
FSQ0x70RNA Rev.00


Similar Part No. - FSQ0270RNA_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0270RNA FAIRCHILD-FSQ0270RNA Datasheet
938Kb / 17P
   Green Mode Fairchild Power Switch (FPS??
FSQ0270RNA FAIRCHILD-FSQ0270RNA Datasheet
970Kb / 17P
   Green Mode Fairchild Power Switch (FPS??
More results

Similar Description - FSQ0270RNA_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com