Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ100 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSQ100
Description  Green Mode Fairchild Power Switch (FPS??
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ100 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSQ100_11 Datasheet HTML 1Page - Fairchild Semiconductor FSQ100_11 Datasheet HTML 2Page - Fairchild Semiconductor FSQ100_11 Datasheet HTML 3Page - Fairchild Semiconductor FSQ100_11 Datasheet HTML 4Page - Fairchild Semiconductor FSQ100_11 Datasheet HTML 5Page - Fairchild Semiconductor FSQ100_11 Datasheet HTML 6Page - Fairchild Semiconductor FSQ100_11 Datasheet HTML 7Page - Fairchild Semiconductor FSQ100_11 Datasheet HTML 8Page - Fairchild Semiconductor FSQ100_11 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ100 Rev. 1.0.2
3
Pin Assignments
Figure 3.
Pin Configuration (Top View)
Pin Definitions
Pin #
Name
Description
1
GND
Ground
. SenseFET source terminal on primary-side and internal control ground.
2
VCC
Positive Supply Voltage Input
. Although connected to an auxiliary transformer winding,
current is supplied from pin 5 (VSTR) via an internal switch during startup (see Figure 2). When
VCC reaches the UVLO upper threshold (9V), the internal startup switch opens and device power
is supplied via the auxiliary transformer winding.
3
VFB
Feedback
. Inverting input to the PWM comparator with its normal input level lies between 0.5V
and 2.5V. It has a 0.4mA current source connected internally, while a capacitor and opto-
coupler are typically connected externally. A feedback voltage of 4.5V triggers overload
protection (OLP). There is a time delay while charging external capacitor Cfb from 3V to 4.5V
using an internal 5µA current source. This time delay prevents false triggering under transient
conditions, but still allows the protection mechanism to operate in true overload conditions.
4
NC
No Connection
.
5
VSTR
Startup
. This pin connects directly to the rectified AC line voltage source. At startup, the internal
switch supplies internal bias and charges an external storage capacitor placed between the VCC
pin and ground. Once the VCC reaches 9V, the internal switch stops charging the capacitor.
6,7,8
Drain
SenseFET Drain
. The drain pins are designed to connect directly to the primary lead of the
transformer and are capable of switching a maximum of 650V. Minimizing the length of the trace
connecting these pins to the transformer decreases leakage inductance.
1
2
3
45
6
7
8
GND
VCC
VFB
NC
VSTR
Drain
Drain
Drain


Similar Part No. - FSQ100_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSQ100_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com