Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSB50250AT Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSB50250AT
Description  Smart Power Module (SPM )
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50250AT Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSB50250AT Datasheet HTML 1Page - Fairchild Semiconductor FSB50250AT Datasheet HTML 2Page - Fairchild Semiconductor FSB50250AT Datasheet HTML 3Page - Fairchild Semiconductor FSB50250AT Datasheet HTML 4Page - Fairchild Semiconductor FSB50250AT Datasheet HTML 5Page - Fairchild Semiconductor FSB50250AT Datasheet HTML 6Page - Fairchild Semiconductor FSB50250AT Datasheet HTML 7Page - Fairchild Semiconductor FSB50250AT Datasheet HTML 8Page - Fairchild Semiconductor FSB50250AT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
FSB50250AT Rev. A
Absolute Maximum Ratings
Inverter Part (Each FRFET Unless Otherwise Specified)
Control Part (Each HVIC Unless Otherwise Specified)
Bootstrap Diode Part (Each Bootstrap diode Unless Otherwise Specified)
Thermal Resistance
Total System
Note:
1. For the measurement point of case temperature TC, please refer to Figure 4.
2. Marking “ * “ is calculation value or design factor.
Symbol
Parameter
Conditions
Rating
Units
VPN
DC Link Input Voltage,
Drain-source Voltage of each FRFET
500
V
*ID25
Each FRFET Drain Current, Continuous
TC = 25°C
1.2
A
*ID80
Each FRFET Drain Current, Continuous
TC = 80°C
0.9
A
*IDP
Each FRFET Drain Current, Peak
TC = 25°C, PW < 100ms
3.1
A
*IDRMS
Each FRFET Drain Current, Rms
TC = 80°C, FPWM < 20KHz
0.6
Arms
*PD
Maximum Power Dissipation
TC = 25°C, For Each FRFET
13.4
W
Symbol
Parameter
Conditions
Rating
Units
VCC
Control Supply Voltage
Applied between VCC and COM
20
V
VBS
High-side Bias Voltage
Applied between VB and VS
20
V
VIN
Input Signal Voltage
Applied between IN and COM
-0.3 ~ VCC+0.3
V
Symbol
Parameter
Conditions
Rating
Units
VRRMB
Maixmum Repetitive Reverse Voltage
500
V
* IFB
Forward Current
TC = 25°C
0.5
A
* IFPB
Forward Current (Peak)
TC = 25°C, Under 1ms Pulse Width
1.5
A
Symbol
Parameter
Conditions
Rating
Units
RqJC
Junction to Case Thermal Resistance
Each FRFET under inverter operat-
ing condition (Note 1)
9.3
°C/W
Symbol
Parameter
Conditions
Rating
Units
TJ
Operating Junction Temperature
-40 ~ 150
°C
TSTG
Storage Temperature
-40 ~ 125
°C
VISO
Isolation Voltage
60Hz, Sinusoidal, 1 minute, Con-
nection pins to heatsink
1500
Vrms


Similar Part No. - FSB50250AT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSB50250AT ONSEMI-FSB50250AT Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50250AT ONSEMI-FSB50250AT Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
More results

Similar Description - FSB50250AT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
   Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
   Smart Power Module (SPM)
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
   Smart Power Module (SPM)
FSAM10SM60A FAIRCHILD-FSAM10SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
FSBM10SH60 FAIRCHILD-FSBM10SH60 Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FPBL20SM60 FAIRCHILD-FPBL20SM60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com