Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT23-6L Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # SOT23-6L
Description  TVS Diode Array WE-TVS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

SOT23-6L Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  SOT23-6L Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. SOT23-6L Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. SOT23-6L Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. SOT23-6L Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. SOT23-6L Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Customer :
Ordercode:
Description:
Package:
Symbol
Unit
IPP
A
VESD
kV
TOp
°C
TSto
°C
Properties
Value
Value
Unit
min
max
VRWM
5
V
VBV
6.0
V
IR
2.5
µA
VF
0.6
1
V
vC
V
vCl
V
CIN
17
pF
Specification for release
DATUM / DATE : 2010-01-27
TVS Diode Array WE-TVS
82402304
IEC 61000-4-5 (Lightning) 6A (8/20µs)
SOT23-6L
Storage Temperature
Pin 1,3,4,6 to pin 2,5
8.5
6.8
IF = 15mA, pin 2,5 to pin 1,3,4,6
VRWM=5V, pin 1,3,4,6 to pin 2,5
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Phone (+49) (0) 7942 - 945 - 0 · Fax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Value
0.8
13
16 / 10
ESD per IEC 61000-4-2 (Air / Contact)
Rating
• Below 5V operating voltage: 2.5 - 3.3 - 4.2 - 5.0V
• Molding compound flamability rating: UL94V-0
• Packaging: Tape & Reel
• JEDEC SOT23-6L Package
6
-55 to +85
D Electrical Characterisitcs:
-20 to +60
VIO=0V, f=1MHz, pin 1,3,4,6 to 2,5
Test Conditions
ITLP = 17A, pin 1,3,4,6 to pin 2,5
typ
B Schematic and Pin Configuration:
• ESD Protection for 4 Lines - unidirectional
• Array of surge rated equivalent TVS diodes
• Provide ESD Protection for each line to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 35A (5/50ns)
Mechanical Characteristics:
C Absolute Maximum Ratings:
IBV=1mA, pin 1,3,4,6 to pin 2,5
IPP=5A, tp=8/20µs, pin 1,3,4,6 to 2,5
A Features:
Peak Pulse Current (tp = 8/20µs)
Operating Temperature
6
5
4
1
2
3
PAGE 1 OF 5


Similar Part No. - SOT23-6L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOT23-6L STMICROELECTRONICS-SOT23-6L Datasheet
60Kb / 7P
   LOW VOLTAGE 4ohm SPDT SWITCH
logo
Wurth Elektronik GmbH &...
SOT23-6L WURTH-SOT23-6L Datasheet
241Kb / 5P
   TVS Diode Array WE-TVS
SOT23-6L WURTH-SOT23-6L Datasheet
234Kb / 5P
   TVS Diode Array WE-TVS
More results

Similar Description - SOT23-6L

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
824022 WURTH-824022 Datasheet
229Kb / 5P
   TVS Diode Array WE-TVS
8240116 WURTH-8240116 Datasheet
236Kb / 5P
   TVS Diode Array WE-TVS
8240136 WURTH-8240136 Datasheet
236Kb / 5P
   TVS Diode Array WE-TVS
82402305 WURTH-82402305 Datasheet
234Kb / 5P
   TVS Diode Array WE-TVS
82401646 WURTH-82401646 Datasheet
238Kb / 5P
   TVS Diode Array WE-TVS
824021 WURTH-824021 Datasheet
233Kb / 5P
   TVS Diode Array WE-TVS
82401444 WURTH-82401444 Datasheet
242Kb / 5P
   TVS Diode Array WE-TVS
824001 WURTH-824001 Datasheet
235Kb / 5P
   TVS Diode Array WE-TVS
824013 WURTH-824013 Datasheet
545Kb / 5P
   TVS Diode Array WE-TVS
8240026 WURTH-8240026 Datasheet
239Kb / 5P
   TVS Diode Array WE-TVS
82402374 WURTH-82402374 Datasheet
229Kb / 5P
   TVS Diode Array WE-TVS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com