Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD3P50 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FQD3P50
Description  500V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD3P50 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FQD3P50_09 Datasheet HTML 1Page - Fairchild Semiconductor FQD3P50_09 Datasheet HTML 2Page - Fairchild Semiconductor FQD3P50_09 Datasheet HTML 3Page - Fairchild Semiconductor FQD3P50_09 Datasheet HTML 4Page - Fairchild Semiconductor FQD3P50_09 Datasheet HTML 5Page - Fairchild Semiconductor FQD3P50_09 Datasheet HTML 6Page - Fairchild Semiconductor FQD3P50_09 Datasheet HTML 7Page - Fairchild Semiconductor FQD3P50_09 Datasheet HTML 8Page - Fairchild Semiconductor FQD3P50_09 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
©2009 Fairchild Semiconductor International
Rev. A2, January 2009
6.60
±0.20
2.30
±0.10
0.50
±0.10
5.34
±0.30
0.76
±0.10
0.50
±0.10
1.02
±0.20
2.30
±0.20
6.60
±0.20
0.76
±0.10
(5.34)
(1.50)
(2XR0.25)
(5.04)
2.30TYP
[2.30
±0.20]
Mechanical Dimensions
TO-252 (DPAK) (FS PKG Code 36)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in:
millimeters
Part Weight per unit (gram): 0.33


Similar Part No. - FQD3P50_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD3P50TM FAIRCHILD-FQD3P50TM Datasheet
766Kb / 9P
   500V P-Channel MOSFET
More results

Similar Description - FQD3P50_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD3P50TM FAIRCHILD-FQD3P50TM Datasheet
766Kb / 9P
   500V P-Channel MOSFET
FQD1P50TF FAIRCHILD-FQD1P50TF Datasheet
696Kb / 9P
   500V P-Channel MOSFET
FQD1P50 FAIRCHILD-FQD1P50 Datasheet
569Kb / 9P
   500V P-Channel MOSFET
FQB1P50 FAIRCHILD-FQB1P50 Datasheet
571Kb / 9P
   500V P-Channel MOSFET
FQB3P50 FAIRCHILD-FQB3P50 Datasheet
645Kb / 9P
   500V P-Channel MOSFET
FQB3P50TM FAIRCHILD-FQB3P50TM Datasheet
651Kb / 9P
   500V P-Channel MOSFET
FQPF3P50 FAIRCHILD-FQPF3P50 Datasheet
620Kb / 8P
   500V P-Channel MOSFET
FQD3P50 FAIRCHILD-FQD3P50 Datasheet
638Kb / 9P
   500V P-Channel MOSFET
FQPF1P50 FAIRCHILD-FQPF1P50 Datasheet
564Kb / 8P
   500V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD1P50 KERSEMI-KSMD1P50 Datasheet
1Mb / 8P
   500V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com