Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCX032AK Datasheet(PDF) 9 Page - Sony Corporation

Part # LCX032AK
Description  1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX032AK Datasheet(HTML) 9 Page - Sony Corporation

Back Button LCX032AK Datasheet HTML 5Page - Sony Corporation LCX032AK Datasheet HTML 6Page - Sony Corporation LCX032AK Datasheet HTML 7Page - Sony Corporation LCX032AK Datasheet HTML 8Page - Sony Corporation LCX032AK Datasheet HTML 9Page - Sony Corporation LCX032AK Datasheet HTML 10Page - Sony Corporation LCX032AK Datasheet HTML 11Page - Sony Corporation LCX032AK Datasheet HTML 12Page - Sony Corporation LCX032AK Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
– 9 –
LCX032AK
4 Definitions:
The right-pointing arrow (
) means +.
The left-pointing arrow (
) means –.
The black dot at an arrow (
) indicates the start of measurement.
<Vertical Shift Register Driving Waveform>
Vst rise time
VST
VCK
EN
Vst fall time
Vst data set-up time
Vst data hold time
Vck rise time
Vck fall time
En rise time
En fall time
Vck rise to En rise time
Vck rise to En fall time
• VCK
duty cycle 50%
• VCK
duty cycle 50%
• VCK
duty cycle 50%
tdVst = 32µs
thVst = –32µs
• VCK
duty cycle 50%
to1Vck = 0ns
to2Vck = 0ns
• VCK
duty cycle 50%
to1Vck = 0ns
to2Vck = 0ns
trVst
tfVst
tdVst
thVst
trVck
tfVck
trEn
tfEn
tdVck
tdVck
BLK
BLK rise time
BLK fall time
BLK pulse width
BLK fall to CLR fall
time
trBlk
tfBlk
twBlk
toClr
Item
Symbol
Waveform
Conditions
90%
10%
10%
90%
VST
trVst
tfVst
50%
50%
4
VST
VCK
tdVst
thVst
50%
50%
VCK
10%
10%
90%
90%
trVck
tfVck
90%
90%
10%
10%
tfEn
trEn
EN
50%
4
VCK
tdVck
tdVck
50%
50%
EN
50%
90%
10%
10%
90%
trBlk
tfBlk
50%
50%
BLK
CLR
twBlk
50%
4


Similar Part No. - LCX032AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX032AKB SONY-LCX032AKB Datasheet
264Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
More results

Similar Description - LCX032AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX033ANB SONY-LCX033ANB Datasheet
189Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032AKB SONY-LCX032AKB Datasheet
264Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AKB SONY-LCX033AKB Datasheet
260Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032ANB SONY-LCX032ANB Datasheet
540Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AK SONY-LCX033AK Datasheet
277Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX005BK SONY-LCX005BK Datasheet
307Kb / 22P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AK SONY-LCX024AK Datasheet
212Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AKB SONY-LCX024AKB Datasheet
213Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AKB SONY-LCX027AKB Datasheet
203Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com