Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPAM50LH60 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FPAM50LH60
Description  Smart Power Module for 2-phase Interleaved PFC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPAM50LH60 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FPAM50LH60 Datasheet HTML 1Page - Fairchild Semiconductor FPAM50LH60 Datasheet HTML 2Page - Fairchild Semiconductor FPAM50LH60 Datasheet HTML 3Page - Fairchild Semiconductor FPAM50LH60 Datasheet HTML 4Page - Fairchild Semiconductor FPAM50LH60 Datasheet HTML 5Page - Fairchild Semiconductor FPAM50LH60 Datasheet HTML 6Page - Fairchild Semiconductor FPAM50LH60 Datasheet HTML 7Page - Fairchild Semiconductor FPAM50LH60 Datasheet HTML 8Page - Fairchild Semiconductor FPAM50LH60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.fairchildsemi.com
FPAM50LH60 Rev. C
Integrated Drive, Protection and System Control Functions
• For IGBTs : Gate drive circuit, Over Current protection(SC), Control supply circuit under-voltage(UV) protection
• Fault signal : Corresponding to SC and UV fault
• Built-in thermistor: Over-temperature monitoring
• Input interface : 3.3/5V CMOS/LSTTL compatible
Pin Configuration
Figure 2.
Top View
Case temperature(TC)
detecting point
(1)CSC
(2)COM
(3)VFO
(4)INX
(5)INY
(6)COM
(7)n.c.
(8)VCC
(9)VCC
(10)COM
(11)RTH
(12)VTH
(13)NR
(14)NR
(15)n.c.
(16)n.c.
(17)n.c.
(18)R
(19)R
(20)n.c.
(21)n.c.
(22)S
(23)S
(32)PR
(31)NP
(30)Y
(29)X
(28)PX
(27)n.c.
(26)PY
(24)P
(25)P
Dimension unit: millimeter


Similar Part No. - FPAM50LH60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
More results

Similar Description - FPAM50LH60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
logo
Shindengen Electric Mfg...
MH2501SC SHINDENGEN-MH2501SC Datasheet
1Mb / 33P
   Easy Multi Interleave Controller for multi-phase interleaved PFC
logo
ON Semiconductor
NCP1631 ONSEMI-NCP1631_10 Datasheet
605Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
April, 2010 ??Rev. 2
NCP1632 ONSEMI-NCP1632 Datasheet
392Kb / 25P
   Interleaved, 2-Phase Power Factor Controller
July, 2017 ??Rev. 0
NCP1631 ONSEMI-NCP1631 Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
NCP1632 ONSEMI-NCP1632_18 Datasheet
301Kb / 25P
   Interleaved, 2-Phase Power Factor Controller
January, 2018 ??Rev. 3
NCP1631 ONSEMI-NCP1631_16 Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
NFL25065L4BT ONSEMI-NFL25065L4BT Datasheet
546Kb / 11P
   SPM 2 32 Series Intelligent Power Module (IPM) Interleaved PFC, 650 V, 50 A
May, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com