Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCX029CRT Datasheet(PDF) 11 Page - Sony Corporation

Part # LCX029CRT
Description  2.3cm (0.9 Type) Black-and-White LCD Panel
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX029CRT Datasheet(HTML) 11 Page - Sony Corporation

Back Button LCX029CRT Datasheet HTML 7Page - Sony Corporation LCX029CRT Datasheet HTML 8Page - Sony Corporation LCX029CRT Datasheet HTML 9Page - Sony Corporation LCX029CRT Datasheet HTML 10Page - Sony Corporation LCX029CRT Datasheet HTML 11Page - Sony Corporation LCX029CRT Datasheet HTML 12Page - Sony Corporation LCX029CRT Datasheet HTML 13Page - Sony Corporation LCX029CRT Datasheet HTML 14Page - Sony Corporation LCX029CRT Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
– 11 –
LCX029CRT
Electrical Characteristics (Ta = 25°C, HVDD = 13.5V, VVDD = 15.5V)
1. Horizontal drivers
Item
Input pin capacitance
HCKn
HST
Input pin current
HCK1
HCK2
HST
RGT
Video signal input pin capacitance
Current consumption
CHckn
CHst
Csig
IH
HCK1 = GND
HCK2 = GND
HST = GND
RGT = GND
HCKn: HCK1, HCK2 (3.9MHz)
–500
–1000
–500
–150
15
15
–200
–300
–150
–40
50
10.0
20
20
200
15.0
pF
pF
µA
µA
µA
µA
pF
mA
Symbol
Min.
Typ.
Max.
Unit
Condition
2. Vertical drivers
Item
Input pin capacitance
VCK
VST
Input pin current
VCK,PCG
VST, ENB, DWN, BLK, HB,
VB
Current consumption
CVck
CVst
IV
–1000
–150
15
15
–150
–30
3.0
20
20
6.0
pF
pF
µA
µA
mA
Symbol
Min.
Typ.
Max.
Unit
Condition
3. Total power consumption of the panel
4. Pin input resistance
Item
Pin – VSS input resistance
Rpin
0.4
1
M
Symbol
Min.
Typ.
Max.
Unit
Item
COM pin capacitance
COM
17
25
nF
Symbol
Min.
Typ.
Max.
Unit
Item
Total power consumption of the panel
PWR
200
350
mW
Symbol
Min.
Typ.
Max.
Unit
VCK = GND, PCG = GND
VST, ENB, DWN,BLK, HB
VB = GND
VCK: (34.3kHz)
5. Uniformity improvement signal
Item
Input pin capacitance for uniformity
improvement signal
CPSIGo
11
nF
Symbol
Min.
Typ.
Max.
Unit
16
6. COM pin capacitance


Similar Part No. - LCX029CRT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX029CRT SONY-LCX029CRT Datasheet
55Kb / 2P
   XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
More results

Similar Description - LCX029CRT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX029CPT SONY-LCX029CPT Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CNT SONY-LCX029CNT Datasheet
335Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CST SONY-LCX029CST Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX026ALE SONY-LCX026ALE Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026BLT SONY-LCX026BLT Datasheet
364Kb / 25P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026AL SONY-LCX026AL Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX038AST SONY-LCX038AST Datasheet
318Kb / 27P
   1.8cm (0.7 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
   4.6cm (1.8-type) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com