Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCX029CPT Datasheet(PDF) 7 Page - Sony Corporation

Part # LCX029CPT
Description  2.3cm (0.9 Type) Black-and-White LCD Panel
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX029CPT Datasheet(HTML) 7 Page - Sony Corporation

Back Button LCX029CPT Datasheet HTML 3Page - Sony Corporation LCX029CPT Datasheet HTML 4Page - Sony Corporation LCX029CPT Datasheet HTML 5Page - Sony Corporation LCX029CPT Datasheet HTML 6Page - Sony Corporation LCX029CPT Datasheet HTML 7Page - Sony Corporation LCX029CPT Datasheet HTML 8Page - Sony Corporation LCX029CPT Datasheet HTML 9Page - Sony Corporation LCX029CPT Datasheet HTML 10Page - Sony Corporation LCX029CPT Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
– 7 –
LCX029CPT
2. Clock timing conditions (Ta = 25°C)
(XGA mode: fHckn = 3.9MHz, fVck = 34.3kHz)
∗5 Hckn means Hck1 and Hck2.
∗6 Blk is the timing during PC98 mode, which keeps "H" level in other modes.
Hst rise time
Hst fall time
Hst data set-up time
Hst data hold time
Hckn rise time∗5
Hckn fall time∗5
Hck1 fall to Hck2 rise time
Hck1 rise to Hck2 fall time
Vst rise time
Vst fall time
Vst data set-up time
Vst data hold time
Vck rise time
Vck fall time
Enb rise time
Enb fall time
Horizontal video period completed to Enb fall time
Enb rise to PRG∗4 fall time
Enb fall to Pcg rise time
Enb pulse width
Pcg rise time
Pcg fall time
Pcg rise to Vck rise/fall time
Pcg fall to horizontal video period start time
Pcg pulse width
PRG∗4 rise to Pcg rise time
PRG∗4 fall to Pcg fall time
PRG∗4 pulse width
Blk rise time
Blk fall time
Blk rise to Enb fall time
Blk fall to Pcg rise time
trHst
tfHst
tdHst
thHst
trHckn
tfHckn
to1Hck
to2Hck
trVst
tfVst
tdVst
thVst
trVck
tfVck
trEnb
tfEnb
tdEnb
toPRG∗4
toPcg
twEnb
trPcg
tfPcg
toVck
toVideo
twPcg
toPcgr
toPcgf
twPRG∗4
trBlk
tfBlk
toEnb
toPcg
55
55
–15
–15
2
2
760
110
830
1650
–100
170
1400
–10
570
830
2
–1
65
65
0
0
7
7
800
120
1000
0
200
1700
0
700
1000
1
0
30
30
75
75
30
30
15
15
100
100
12
12
100
100
100
100
130
30
30
100
10
100
100
0
1
ns
µs
ns
Item
Symbol
Min.
Typ.
Max.
Unit
HST
HCK
VST
VCK
ENB
PCG
BLK∗6
PRG∗4
µs


Similar Part No. - LCX029CPT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX029CPT SONY-LCX029CPT Datasheet
55Kb / 2P
   XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
More results

Similar Description - LCX029CPT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX029CRT SONY-LCX029CRT Datasheet
335Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CNT SONY-LCX029CNT Datasheet
335Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CST SONY-LCX029CST Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX026ALE SONY-LCX026ALE Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026BLT SONY-LCX026BLT Datasheet
364Kb / 25P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026AL SONY-LCX026AL Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX038AST SONY-LCX038AST Datasheet
318Kb / 27P
   1.8cm (0.7 Type) Black-and-White LCD Panel
LCX036AMT SONY-LCX036AMT Datasheet
72Kb / 2P
   4.6cm (1.8-type) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com