Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843800-000 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 843800-000
Description  RAYCHEM Tubing Products
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

843800-000 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 843800-000 Datasheet HTML 6Page - Tyco Electronics 843800-000 Datasheet HTML 7Page - Tyco Electronics 843800-000 Datasheet HTML 8Page - Tyco Electronics 843800-000 Datasheet HTML 9Page - Tyco Electronics 843800-000 Datasheet HTML 10Page - Tyco Electronics 843800-000 Datasheet HTML 11Page - Tyco Electronics 843800-000 Datasheet HTML 12Page - Tyco Electronics 843800-000 Datasheet HTML 13Page - Tyco Electronics 843800-000 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2-10
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
IR-1891 (Continued)
Description
Part No.
*IR-1891-220V-Shuttle-Retn
289588-000
*IR-1891-220V-Retn-Syl
613148-000
*Note: The descriptions given here DO NOT include the supply of the necessary tooling fixtures.These are designed
for each individual application.
Ordering Information
Description
Part No.
Grippers:
IR-1891-SI-GRP-165-RD-1mm
Red Gripper with 1mm hole
629602-000
IR-1891-SI-GRP-165-CL-2mm
Clear Gripper with 2mm hole
112676-000
IR-1891-SI-GRP-165-BK-3mm
Black Gripper with 3mm hole
F83221-000
IR-1891-SI-GRP-165-WT-6mm
White Gripper with 6mm hole
629602-000
Fixtures:
IR-1891-Quick-Rel-ESS-6/1
ESS Cap (6/1) Fixture
096735-000
IR-1891-Quick-Rel-ESS-8/2
ESS Cap (8/2) Fixture
148597-000
IR-1891-Tool-Fixt-Bas-ESS
Base Unit for Fixtures
760221-000
Note: A wider range of tooling fixtures and grippers designed for previous applications are available. Please contact
TE for details.
Accessories
Technical Specifications
Electrical Supply
230 V Single Phase
Power Consumption
1600 W
Operating Temperature
650°C max
Process Rate
1200 / hour maximum depending on application and operator
Heating Times
3 to 30 seconds depending on application
System Noise
< 70 dB
Dimensions – 508636-000
L1100 x H650 x D500 mm [L43 x H25 x D20 in]
Dimensions – 613148-000 / 167309-000 / 289588-000
L1100 x H900 x D500 mm [L43 x H35 x D20 in]
Base Plate Dimensions 289588-000 / 167309-000
L1040 x D450 mm [L41 x D18 in]
Base Plate Dimensions 613148-000
L1040 x D397 mm [L41 x D16 in]
Product Range
Wide range of Raychem tubing products in particular LSTT, RNF-3000, RNF-100, HTAT, ATUM.
Maximum diameter 20 mm [0.8 in] and maximum length 60 mm [2.0 in]


Similar Part No. - 843800-000

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843801AGI-24LF RENESAS-843801AGI-24LF Datasheet
849Kb / 18P
   FemtoClock® Crystal-to-3.3V, 2.5V LVPECL 400MHz Frequency Synthesizer
2001
843801AGI-24LFT RENESAS-843801AGI-24LFT Datasheet
849Kb / 18P
   FemtoClock® Crystal-to-3.3V, 2.5V LVPECL 400MHz Frequency Synthesizer
2001
More results

Similar Description - 843800-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TAT-125-1 MACOM-TAT-125-1 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
SST-48-07 MACOM-SST-48-07 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
M/A-COM Technology Solu...
5038104002 MA-COM-5038104002 Datasheet
114Kb / 2P
   RAYCHEM Tubing Products
logo
Tyco Electronics
D76139-000 MACOM-D76139-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Tyco Electronics
013206-000 MACOM-013206-000 Datasheet
58Kb / 2P
   RAYCHEM
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com