Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH40T100SMD Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FGH40T100SMD
Description  1000V, 40A Field Stop Trench IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH40T100SMD Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FGH40T100SMD Datasheet HTML 2Page - Fairchild Semiconductor FGH40T100SMD Datasheet HTML 3Page - Fairchild Semiconductor FGH40T100SMD Datasheet HTML 4Page - Fairchild Semiconductor FGH40T100SMD Datasheet HTML 5Page - Fairchild Semiconductor FGH40T100SMD Datasheet HTML 6Page - Fairchild Semiconductor FGH40T100SMD Datasheet HTML 7Page - Fairchild Semiconductor FGH40T100SMD Datasheet HTML 8Page - Fairchild Semiconductor FGH40T100SMD Datasheet HTML 9Page - Fairchild Semiconductor FGH40T100SMD Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
FGH40T100SMD Rev. C2
Mechanical Dimensions
TO - 247AB (FKS PKG CODE 001)


Similar Part No. - FGH40T100SMD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGH40T120SMD ONSEMI-FGH40T120SMD Datasheet
524Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
July, 2021 ??Rev. 5
FGH40T120SMD-F155 ONSEMI-FGH40T120SMD-F155 Datasheet
524Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
July, 2021 ??Rev. 5
FGH40T120SMDL4 ONSEMI-FGH40T120SMDL4 Datasheet
592Kb / 10P
   IGBT - FS, Trench 1200 V, 40 A
December, 2019 ??Rev. 2
FGH40T120SQDNL4 ONSEMI-FGH40T120SQDNL4 Datasheet
476Kb / 11P
   IGBT - Ultra Field Stop
November, 2019 ??Rev. 2
More results

Similar Description - FGH40T100SMD

ManufacturerPart #DatasheetDescription
logo
Rohm
RGCL80TK60D ROHM-RGCL80TK60D Datasheet
909Kb / 13P
   600V 40A Field Stop Trench IGBT
RGS80TS65D ROHM-RGS80TS65D Datasheet
905Kb / 13P
   650V 40A Field Stop Trench IGBT
RGTH80TS65D ROHM-RGTH80TS65D Datasheet
1Mb / 13P
   650V 40A Field Stop Trench IGBT
RGS80TSX2D ROHM-RGS80TSX2D Datasheet
1Mb / 13P
   1200V 40A Field Stop Trench IGBT
RGS80TSX2DHR ROHM-RGS80TSX2DHR Datasheet
1Mb / 13P
   1200V 40A Field Stop Trench IGBT
2020.09 - Rev.C
RGTH80TK65 ROHM-RGTH80TK65 Datasheet
811Kb / 11P
   650V 40A Field Stop Trench IGBT
RGCL80TK60 ROHM-RGCL80TK60 Datasheet
763Kb / 11P
   600V 40A Field Stop Trench IGBT
RGTH80TS65 ROHM-RGTH80TS65 Datasheet
1,007Kb / 11P
   650V 40A Field Stop Trench IGBT
RGC80TSX8R ROHM-RGC80TSX8R Datasheet
381Kb / 11P
   1800V 40A Field Stop Trench IGBT
RGTV80TS65D ROHM-RGTV80TS65D Datasheet
1Mb / 12P
   650V 40A Field Stop Trench IGBT
2019.12 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com