Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

289588-000 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 289588-000
Description  RAYCHEM Tubing Products
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

289588-000 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 289588-000 Datasheet HTML 7Page - Tyco Electronics 289588-000 Datasheet HTML 8Page - Tyco Electronics 289588-000 Datasheet HTML 9Page - Tyco Electronics 289588-000 Datasheet HTML 10Page - Tyco Electronics 289588-000 Datasheet HTML 11Page - Tyco Electronics 289588-000 Datasheet HTML 12Page - Tyco Electronics 289588-000 Datasheet HTML 13Page - Tyco Electronics 289588-000 Datasheet HTML 14Page - Tyco Electronics 289588-000 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2-11
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
2
Model 81CE
Discrete Heater for Heat-
Shrinkable Tubing Products
Product Facts
I
Closed-loop time and
temperature control
I
Controlled process
I
Adaptable for different
applications
I
Bench top design
I
CE approved for worldwide use
I
Heater operation and over
temperature alarm lights
into the upper heating ele-
ment connected to a closed
loop temperature controller.
An alarm light illuminates
whenever the actual heat-
ing element temperature
varies from the set point
temperature.
Controlled Oven Dwell Time
The oven dwell time is
selected using a 3-digit
thumb wheel digital timer.
The time can be set
between 1 and 999 sec-
onds for precise heating
ensuring each assembly
being processed sees the
same precise amount of heat.
Minimal Skill Requirements
There are clearly marked
guides for aligning the
assembly as well as the
tubing or device being
processed. The operator
only has to center the
assembly, then the tubing,
and load it into the spring
loaded jaws on either side
of the heating chamber. The
jaws grip and carry the
assembly into the heating
chamber and back to the
home position when the
time has expired. A protec-
tion circuit prevents the
cycle from being initiated if
the oven is not at the
desired set point, prevent-
ing assemblies from being
processed incorrectly. The
small footprint allows the
processor to be placed in
close proximity to a welder,
allowing a single operator
to accomplish two tasks.
Versatility
The processor is designed
to process a broad range of
Raychem heat-shrinkable
tubing products up to
25 mm [1.0 in] in diameter
and 127 mm [5.0 in] in
length. The infrared energy
source is well-suited to effi-
Applications
The Model 81CE is a CE
Certified discrete-type table
top heater which provides a
controlled process for
recovering a wide variety of
Raychem heat-shrinkable
products onto wire assem-
blies or other suitable sub-
strates.
Assemblies are loaded into
spring loaded jaws on
either side of the heating
chamber which takes the
assemblies into the oven for
a pre-set number of sec-
onds, then returns them to
the home position for
removal.
Controlled Heating Zone
The Model 81 CE processor
has two stamped foil heating
elements that are manufac-
tured to a strict wattage
specification. Consistent
temperatures are controlled
by a thermocouple embedded
Available in:
Americas
Europe
Asia Pacific
II
I
cient processing of either
single-wall or adhesive-
lined tubing. Temperature
and time can be controlled
to accommodate a wide
variety of products and
substrates.
Safety Features:
• Circuit breaker for current
surges
• Emergency Stop
• Pinch points eliminated
by the housing design
• An over-temperature
switch that shuts off all
power in the event of an
overheat condition
• Automatic cool-down cir-
cuit to prevent heat dam-
age to integral
components
• Circuit to prevent cycle
initiation until the oven is
up to temperature


Similar Part No. - 289588-000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2895239 PHOENIX-2895239 Datasheet
44Kb / 1P
   Monitor - LCD TOUCH 5015 D PANEL
11/05/2018
2895255 PHOENIX-2895255 Datasheet
48Kb / 3P
   Touch panel - HTP104T/12015040/024/02050
logo
M/A-COM Technology Solu...
28953-BRF-001-A MA-COM-28953-BRF-001-A Datasheet
336Kb / 2P
   Flexible Framer, Programmable For T1/E1,
28953-BRF-001-A MA-COM-28953-BRF-001-A_15 Datasheet
336Kb / 2P
   Flexible Framer
28953-DSH-001-A MA-COM-28953-DSH-001-A Datasheet
2Mb / 173P
   HDSL Channel Unit
More results

Similar Description - 289588-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TAT-125-1 MACOM-TAT-125-1 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
SST-48-07 MACOM-SST-48-07 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
M/A-COM Technology Solu...
5038104002 MA-COM-5038104002 Datasheet
114Kb / 2P
   RAYCHEM Tubing Products
logo
Tyco Electronics
D76139-000 MACOM-D76139-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Tyco Electronics
013206-000 MACOM-013206-000 Datasheet
58Kb / 2P
   RAYCHEM
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com