Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA25S125P Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FGA25S125P
Description  Shorted AnodeTM IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA25S125P Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FGA25S125P Datasheet HTML 1Page - Fairchild Semiconductor FGA25S125P Datasheet HTML 2Page - Fairchild Semiconductor FGA25S125P Datasheet HTML 3Page - Fairchild Semiconductor FGA25S125P Datasheet HTML 4Page - Fairchild Semiconductor FGA25S125P Datasheet HTML 5Page - Fairchild Semiconductor FGA25S125P Datasheet HTML 6Page - Fairchild Semiconductor FGA25S125P Datasheet HTML 7Page - Fairchild Semiconductor FGA25S125P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.fairchildsemi.com
FGA25S125P Rev. C0
Typical Performance Characteristics
Figure 19. Transient Thermal Impedance of IGBT
1E-5
1E-4
1E-3
0.01
0.1
1
10
100
0.06
0.1
0.7
0.01
0.02
0.1
0.05
0.2
single pulse
Rectangular Pulse Duration [sec]
Duty Factor, D = t1/t2
Peak T
j = Pdm x Zthjc + TC
0.5
t1
PDM
t2


Similar Part No. - FGA25S125P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGA25S125P ONSEMI-FGA25S125P Datasheet
633Kb / 7P
   1250 V, 25 A Shorted-anode IGBT
October-2017,Rev. 2
FGA25S125P-SN00337 ONSEMI-FGA25S125P-SN00337 Datasheet
633Kb / 7P
   1250 V, 25 A Shorted-anode IGBT
October-2017,Rev. 2
More results

Similar Description - FGA25S125P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA20S140P FAIRCHILD-FGA20S140P Datasheet
872Kb / 8P
   Shorted AnodeTM IGBT
FGA30S120P FAIRCHILD-FGA30S120P Datasheet
646Kb / 8P
   Shorted AnodeTM IGBT
FGH30S130P FAIRCHILD-FGH30S130P Datasheet
665Kb / 8P
   Shorted AnodeTM IGBT
FGA20S120M FAIRCHILD-FGA20S120M Datasheet
795Kb / 8P
   1200V, 20A Shorted-Anode IGBT
FGA50S110P FAIRCHILD-FGA50S110P Datasheet
222Kb / 8P
   1100 V, 50 A Shorted-anode IGBT
FGA15S125P FAIRCHILD-FGA15S125P Datasheet
278Kb / 8P
   1250 V, 15 A Shorted-anode IGBT
FGA20S125P FAIRCHILD-FGA20S125P Datasheet
1Mb / 8P
   1250 V, 20 A Shorted-anode IGBT
logo
ON Semiconductor
FGA25S125P ONSEMI-FGA25S125P Datasheet
633Kb / 7P
   1250 V, 25 A Shorted-anode IGBT
October-2017,Rev. 2
logo
IXYS Corporation
G4000EF250 IXYS-G4000EF250 Datasheet
1,003Kb / 11P
   Anode Shorted Gate Turn-Off Thyristor
October 2020
logo
Ultralife Corporation.
MRC-KT0002 ULTRALIFE-MRC-KT0002 Datasheet
285Kb / 1P
   Charge module automatically detects open or shorted cells
Rev: B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com