Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

340970-000 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 340970-000
Description  RAYCHEM Tubing Products
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

340970-000 Datasheet(HTML) 5 Page - Tyco Electronics

  340970-000 Datasheet HTML 1Page - Tyco Electronics 340970-000 Datasheet HTML 2Page - Tyco Electronics 340970-000 Datasheet HTML 3Page - Tyco Electronics 340970-000 Datasheet HTML 4Page - Tyco Electronics 340970-000 Datasheet HTML 5Page - Tyco Electronics 340970-000 Datasheet HTML 6Page - Tyco Electronics 340970-000 Datasheet HTML 7Page - Tyco Electronics 340970-000 Datasheet HTML 8Page - Tyco Electronics 340970-000 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2-5
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
2
ThermoGun HG
Medium Duty Heating Tool
Product Facts
I
Stand-mounted or
handheld, rugged unit for
heavy-duty use
I
Built-in stand and turbo-fan-
driven blower
I
Adjustable side vents
I
Adjustable temperature
I
1680 to 2160 watts
I
Large reflector size
I
High heat output for fast
installation
Specifications
Applications
Used for installing molded
parts onto adapters or
harnesses and installing
a broad range of heat-
shrinkable products, includ-
ing boots and tubing up to
three inches in diameter.
Available in:
Americas
Europe
Asia Pacific
II
Model
Power Requirements
Input Watts
Temperature Range
CFM*
RPM**
HG-501A
120 V, 60 Hz, 14 A
1680
260°C–399°C [500°F–750°F]
23
1700
HG-502A
230 V, 50/60 Hz, 7 A
1680
260°C–399°C [500°F–750°F]
23
1700
HG-751A-C
120 V, 60 Hz, 18 A
2160
399°C–538°C [750°F–1000°F]
23
1700
HG-752A
230 V, 50/60 Hz, 9 A
1740
399°C–538°C [750°F–1000°F]
23
1700
*CFM = Cubic feet per minute.
**RPM = Revolutions per minute.


Similar Part No. - 340970-000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3409 ETC2-3409 Datasheet
158Kb / 3P
   3/8 Square Drive Sockets, SAE
logo
KIA Semiconductor Techn...
3409 KIA-3409 Datasheet
118Kb / 5P
   -2.6A竊?30V P-CHANNEL MOSFET
logo
Heyco.
3409 HEYCO-3409 Datasheet
114Kb / 1P
   Heyco® PG and Metric Threaded Plugs
logo
Schurter Inc.
3409.0007 SCHURTER-3409.0007 Datasheet
158Kb / 2P
   Surface Mount Fuse for High Current Space Application, ESCC QPL Listed (pending)
3409.0008 SCHURTER-3409.0008 Datasheet
158Kb / 2P
   Surface Mount Fuse for High Current Space Application, ESCC QPL Listed (pending)
More results

Similar Description - 340970-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TAT-125-1 MACOM-TAT-125-1 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
SST-48-07 MACOM-SST-48-07 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
M/A-COM Technology Solu...
5038104002 MA-COM-5038104002 Datasheet
114Kb / 2P
   RAYCHEM Tubing Products
logo
Tyco Electronics
D76139-000 MACOM-D76139-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Tyco Electronics
013206-000 MACOM-013206-000 Datasheet
58Kb / 2P
   RAYCHEM
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com