Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

991017-000 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 991017-000
Description  RAYCHEM Tubing Products
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

991017-000 Datasheet(HTML) 3 Page - Tyco Electronics

  991017-000 Datasheet HTML 1Page - Tyco Electronics 991017-000 Datasheet HTML 2Page - Tyco Electronics 991017-000 Datasheet HTML 3Page - Tyco Electronics 991017-000 Datasheet HTML 4Page - Tyco Electronics 991017-000 Datasheet HTML 5Page - Tyco Electronics 991017-000 Datasheet HTML 6Page - Tyco Electronics 991017-000 Datasheet HTML 7Page - Tyco Electronics 991017-000 Datasheet HTML 8Page - Tyco Electronics 991017-000 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2-3
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
2
HL1910E/HL2010E
Light Duty Heating Tool
Product Facts
I
Light duty, portable hot air
heater
The HL2010E tool is
switched on and off at the
three-stage switch and the
temperature can be contin-
uously adjusted over a
range of 50°C-630°C by the
pushbuttons. The tempera-
ture can be increased or
reduced by 10°C steps. An
LCD display shows the
actual temperature.
The HL1910E tool is
switched on and off at the
two-stage switch and the
temperature can be contin-
uously adjusted over a
range of 50°C-600°C at the
thumbwheel (the numbers
on it serve as guide only,
1 means 50°C and max.
temperature of 600°C is
attained at 9).
A bench stand allowing use
of both the HL2010E and
the HL1910E as a bench
tool is available as an
option. Only two reflectors
are required to cover most
applications of heat-shrink-
able tubing and SolderSleeve
terminations.
There is an adaptor avail-
able, which allows the use
of PR type reflectors.
The HL2010E and HL1910E
hot air heat guns are
designed to work with a
standard line voltage
(120V) on a wide variety of
Raychem heat-shrinkable
products. These tools are
suitable for occasional use
and are not recommended
for applications requiring
high duty cycles. Both tools
supply forced hot air with
an adjustable heat setting
to meet the requirements of
many different installation
situations. A three position
switch controls the air flow
(150/300/500 l/min)
Available in:
Americas
Europe
Asia Pacific
II
I


Similar Part No. - 991017-000

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
991017-000 TEC-991017-000 Datasheet
3Mb / 40P
   Raychem Application Tooling
More results

Similar Description - 991017-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TAT-125-1 MACOM-TAT-125-1 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
SST-48-07 MACOM-SST-48-07 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
M/A-COM Technology Solu...
5038104002 MA-COM-5038104002 Datasheet
114Kb / 2P
   RAYCHEM Tubing Products
logo
Tyco Electronics
D76139-000 MACOM-D76139-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Tyco Electronics
013206-000 MACOM-013206-000 Datasheet
58Kb / 2P
   RAYCHEM
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com