Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5747842-4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 5747842-4
Description  Multi-Cal-System Evaluation Module
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5747842-4 Datasheet(HTML) 1 Page - Texas Instruments

  5747842-4 Datasheet HTML 1Page - Texas Instruments 5747842-4 Datasheet HTML 2Page - Texas Instruments 5747842-4 Datasheet HTML 3Page - Texas Instruments 5747842-4 Datasheet HTML 4Page - Texas Instruments 5747842-4 Datasheet HTML 5Page - Texas Instruments 5747842-4 Datasheet HTML 6Page - Texas Instruments 5747842-4 Datasheet HTML 7Page - Texas Instruments 5747842-4 Datasheet HTML 8Page - Texas Instruments 5747842-4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
User
's Guide
SBOU087A
– August 2010 – Revised April 2011
Multi-Cal-System Evaluation Module
This user
’s guide describes the characteristics, operation, and the use of the Multi-Cal-System evaluation
module (EVM). It covers all pertinent areas involved to properly use this EVM board. The document
includes the physical printed circuit board layout, schematic diagrams, and circuit descriptions.
Contents
1
Overview
..................................................................................................................... 3
2
Starter System Setup
....................................................................................................... 9
3
Expanding the System Size
.............................................................................................. 22
4
Troubleshooting Tips
...................................................................................................... 28
5
Bill of Materials
............................................................................................................. 29
List of Figures
1
Hardware Included with the Multi-Cal-System EVM Kit
................................................................ 3
2
Multi-Cal-Slave Kit
.......................................................................................................... 4
3
Multi-Cal-Interface PCA Card
............................................................................................. 4
4
Multi-Cal-Test PCA Card
................................................................................................... 5
5
Multi-Cal-Interface Cable
................................................................................................... 6
6
Multi-Cal-Power Cable
..................................................................................................... 6
7
Multi-Cal-System EVM Hardware Setup
................................................................................. 9
8
Connect Multi-Cal-Master PCA to USB DAQ Platform
............................................................... 10
9
Connect Multi-Cal-Interface Cable to Multi-Cal-Master PCA Card
.................................................. 11
10
Connect Multi-Cal-Interface Cable to Multi-Cal-Interface PCA Card
............................................... 11
11
Jumpers on Multi-Cal-Interface PCA Card
............................................................................. 12
12
Jumpers on Multi-Cal-Test PCA Card
.................................................................................. 13
13
Connect Multi-Cal-Test PCA Card to Multi-Cal-Interface PCA Card
............................................... 14
14
Connect Multi-Cal-Power Cable to Multi-Cal-Master PCA Card
.................................................... 15
15
Connect Multi-Cal-Power Cable to Power Supplies (Current Loop Output)
....................................... 16
16
Connect Multi-Cal-Power-Cable to Power Supplies (Voltage Output)
.............................................. 17
17
Typical Instrument Connection
.......................................................................................... 18
18
Connect Serial Port to DMM
............................................................................................. 19
19
Connect IEEE488 to DMM
............................................................................................... 20
20
Universal 9-V Supply to USB DAQ Platform
........................................................................... 21
21
Connect USB Cable to USB DAQ Platform
............................................................................ 21
22
Complete System Setup
.................................................................................................. 22
23
Replace Standoffs
......................................................................................................... 22
24
Connect the Ribbon Cable to the Master
.............................................................................. 23
25
Connect Slave Ribbon Cable to Slave
.................................................................................. 24
26
Secure Slave to Master
................................................................................................... 25
27
Cable Connections to Slave Board
..................................................................................... 26
28
Jumper Locations and Positions for Expanding System Size
....................................................... 27
Microsoft, Windows are registered trademarks of Microsoft Corporation.
All other trademarks are the property of their respective owners.
1
SBOU087A
– August 2010 – Revised April 2011
Multi-Cal-System Evaluation Module
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - 5747842-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5747840-2 MACOM-5747840-2 Datasheet
179Kb / 1P
   PLUG ASSEMBLY, SIZE 1, 9 POS, RIGHT ANGLE, FRONT METAL SHELL, .318 SERIES, AMPLIMITE HD-20
5747840-3 MACOM-5747840-3 Datasheet
179Kb / 1P
   PLUG ASSEMBLY, SIZE 1, 9 POS, RIGHT ANGLE, FRONT METAL SHELL, .318 SERIES, AMPLIMITE HD-20
5747840-4 MACOM-5747840-4 Datasheet
179Kb / 1P
   PLUG ASSEMBLY, SIZE 1, 9 POS, RIGHT ANGLE, FRONT METAL SHELL, .318 SERIES, AMPLIMITE HD-20
5747840-5 MACOM-5747840-5 Datasheet
179Kb / 1P
   PLUG ASSEMBLY, SIZE 1, 9 POS, RIGHT ANGLE, FRONT METAL SHELL, .318 SERIES, AMPLIMITE HD-20
5747840-6 MACOM-5747840-6 Datasheet
179Kb / 1P
   PLUG ASSEMBLY, SIZE 1, 9 POS, RIGHT ANGLE, FRONT METAL SHELL, .318 SERIES, AMPLIMITE HD-20
More results

Similar Description - 5747842-4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
logo
Exar Corporation
XRT5794ES EXAR-XRT5794ES Datasheet
1Mb / 11P
   Evaluation System
logo
Maxim Integrated Produc...
MAX17823HEVKIT MAXIM-MAX17823HEVKIT Datasheet
1Mb / 40P
   Evaluation System
Rev 1; 5/19
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
   MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
   MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
MAX17105EVKIT MAXIM-MAX17105EVKIT Datasheet
712Kb / 14P
   MAX17105 Evaluation Kit/Evaluation System
Rev 0; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com