Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCX026ALG Datasheet(PDF) 10 Page - Sony Corporation

Part # LCX026ALG
Description  2.3cm (0.9-inch) Black-and-White LCD Panel
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX026ALG Datasheet(HTML) 10 Page - Sony Corporation

Back Button LCX026ALG Datasheet HTML 6Page - Sony Corporation LCX026ALG Datasheet HTML 7Page - Sony Corporation LCX026ALG Datasheet HTML 8Page - Sony Corporation LCX026ALG Datasheet HTML 9Page - Sony Corporation LCX026ALG Datasheet HTML 10Page - Sony Corporation LCX026ALG Datasheet HTML 11Page - Sony Corporation LCX026ALG Datasheet HTML 12Page - Sony Corporation LCX026ALG Datasheet HTML 13Page - Sony Corporation LCX026ALG Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
– 10 –
LCX026ALG
Reflection Preventive Processing
When a retardation film which rotates the polarization axis is used to adjust to the polarization direction of a
polarization screen or prism, use a retardation film with reflection preventive processing on the surface. This
prevents characteristic deterioration caused by luminous reflection.
Electro-optical Characteristics
(SVGA mode)
Item
Contrast ratio
25°C
25°C
25°C
60°C
25°C
60°C
25°C
60°C
0°C
25°C
0°C
25°C
60°C
25°C
25°C
CR
T
RV90-25
GV90-25
BV90-25
RV90-60
GV90-60
BV90-60
RV50-25
GV50-25
BV50-25
RV50-60
GV50-60
BV50-60
RV10-25
GV10-25
BV10-25
RV10-60
GV10-60
BV10-60
ton0
ton25
toff0
toff25
F
YT60
CTK
150
15
1.0
1.1
1.2
1.0
1.0
1.1
1.4
1.5
1.6
1.4
1.4
1.5
1.9
2.0
2.1
1.9
1.9
1.9
350
17
1.3
1.5
1.6
1.3
1.4
1.5
1.7
1.8
1.9
1.6
1.7
1.8
2.2
2.3
2.4
2.1
2.2
2.3
30
12
100
30
–65
1.7
1.9
2.0
1.6
1.7
1.9
2.0
2.1
2.2
1.9
2.0
2.1
2.5
2.6
2.7
2.4
2.5
2.6
80
40
200
70
–40
0
5
1
2
3
4
5
6
7
%
V
ms
dB
s
%
Optical transmittance
V-T
characteristics
V90
V50
ON time
OFF time
V10
Response time
Flicker
Image retention time
Cross talk
Symbol
Measurement method
Min.
Typ.
Max.
Unit


Similar Part No. - LCX026ALG

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX026AL SONY-LCX026AL Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALE SONY-LCX026ALE Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
More results

Similar Description - LCX026ALG

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX026ALE SONY-LCX026ALE Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026BLT SONY-LCX026BLT Datasheet
364Kb / 25P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026AL SONY-LCX026AL Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX029CPT SONY-LCX029CPT Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CRT SONY-LCX029CRT Datasheet
335Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CNT SONY-LCX029CNT Datasheet
335Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX029CST SONY-LCX029CST Datasheet
334Kb / 27P
   2.3cm (0.9 Type) Black-and-White LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com