Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5227699-1 Datasheet(PDF) 1 Page - Texas Instruments

Part # 5227699-1
Description  LOG114EVM User Guide
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5227699-1 Datasheet(HTML) 1 Page - Texas Instruments

  5227699-1 Datasheet HTML 1Page - Texas Instruments 5227699-1 Datasheet HTML 2Page - Texas Instruments 5227699-1 Datasheet HTML 3Page - Texas Instruments 5227699-1 Datasheet HTML 4Page - Texas Instruments 5227699-1 Datasheet HTML 5Page - Texas Instruments 5227699-1 Datasheet HTML 6Page - Texas Instruments 5227699-1 Datasheet HTML 7Page - Texas Instruments 5227699-1 Datasheet HTML 8Page - Texas Instruments 5227699-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
User
's Guide
SBOU110
– September 2011
LOG114EVM User Guide
This user's guide describes the characteristics, operation, and use of the LOG114EVM evaluation board. It
discusses how to set up and configure the board hardware, and reviews various methods of using the
evaluation module (EVM). Throughout this document, the terms evaluation board, evaluation module, and
EVM are synonymous with the LOG114EVM. This document also includes an electrical schematic, printed
circuit board (PCB) layout drawings, and a parts list for the EVM.
Contents
1
Overview
..................................................................................................................... 2
2
LOG114EVM
................................................................................................................ 3
3
Connecting to the LOG114EVM
.......................................................................................... 7
4
Using the LOG114EVM
................................................................................................... 11
5
Verifying Results
........................................................................................................... 12
6
LOG114EVM Documentation
............................................................................................ 13
List of Figures
1
LOG114EVM
................................................................................................................ 2
2
LOG114EVM Level Shifter
................................................................................................. 3
3
LOG114EVM Signal Path
.................................................................................................. 4
4
High-Current Linearity Correction Circuit
................................................................................ 5
5
LOG114EVM Complete Circuit
............................................................................................ 6
6
Connecting the 5V Power Supply
......................................................................................... 7
7
Using a Photodiode with the High-Current Linearity Correction Circuitry
........................................... 7
8
Using a Photodiode Without the High-Current Linearity Correction Circuitry
....................................... 8
9
Applying a 0.5-V Reverse Bias to the Photodiode
...................................................................... 8
10
Using a Resistor to Create an Input Current
............................................................................ 9
11
Using a Resistor and the High Current Linearity Correction Circuitry
.............................................. 10
12
LOG114EVM Components
............................................................................................... 11
13
LOG114EVM Measured Results
........................................................................................ 12
14
LOG114EVM Board Schematic
.......................................................................................... 13
15
LOG114EVM: Top Side Composite Drawing
.......................................................................... 14
16
LOG114EVM: Top Copper Layer
....................................................................................... 14
17
LOG114EVM: Bottom Copper Layer
.................................................................................... 14
All trademarks are the property of their respective owners.
1
SBOU110
– September 2011
LOG114EVM User Guide
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - 5227699-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5227699-1 TEC-5227699-1 Datasheet
988Kb / 34P
   RF Coax Connectors
More results

Similar Description - 5227699-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
logo
List of Unclassifed Man...
ATSTK503 ETC2-ATSTK503 Datasheet
704Kb / 17P
   STK503 User Guide
logo
Telit loT Solutions
HE910 TELIT-HE910 Datasheet
2Mb / 111P
   HW User Guide
logo
OSRAM GmbH
TMF882X OSRAM-TMF882X Datasheet
1Mb / 37P
   EVM User Guide
v6-00 2022-May-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com