Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS6670AS Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS6670AS
Description  30V N-Channel PowerTrench SyncFET?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6670AS Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS6670AS_10 Datasheet HTML 1Page - Fairchild Semiconductor FDS6670AS_10 Datasheet HTML 2Page - Fairchild Semiconductor FDS6670AS_10 Datasheet HTML 3Page - Fairchild Semiconductor FDS6670AS_10 Datasheet HTML 4Page - Fairchild Semiconductor FDS6670AS_10 Datasheet HTML 5Page - Fairchild Semiconductor FDS6670AS_10 Datasheet HTML 6Page - Fairchild Semiconductor FDS6670AS_10 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FDS6670AS
30V N-Channel PowerTrench“ SyncFET
General Description
The FDS6670AS is designed to replace a single SO-8
MOSFET and Schottky diode in synchronous DC:DC
power supplies.
This 30V MOSFET is designed to
maximize power conversion efficiency, providing a low
RDS(ON)
and low gate charge.
The FDS6670AS
includes an integrated Schottky diode using Fairchild’s
monolithic SyncFET technology.
Applications
x DC/DC converter
x Low side notebook
Features
x 13.5 A, 30 V. RDS(ON) max= 9.0 m: @ VGS = 10 V
RDS(ON) max= 11.5 m
: @ VGS = 4.5 V
x Includes SyncFET Schottky body diode
x Low gate charge (27nC typical)
x High performance trench technology for extremely low
RDS(ON) and fast switching
x High power and current handling capability
S
D
S
S
SO-8
D
D
D
G
4
3
2
1
5
6
7
8
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
r20
V
ID
Drain Current
– Continuous
(Note 1a)
13.5
A
– Pulsed
50
Power Dissipation for Single Operation
(Note 1a)
2.5
(Note 1b)
1.2
PD
(Note 1c)
1
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
qC
Thermal Characteristics
RTJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
qC/W
RTJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
qC/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS6670AS
FDS6670AS
13’’
12mm
2500 units
x
RoHS Compliant
©2010 Fairchild Semiconductor Corporation
FDS6670AS Rev.
C1
www.fairchildsemi.com
1
July 2010


Similar Part No. - FDS6670AS_10

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDS6670AS-NL VBSEMI-FDS6670AS-NL Datasheet
1,008Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS6670AS FAIRCHILD-FDS6670AS_08 Datasheet
748Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6670AS_NL FAIRCHILD-FDS6670AS_NL Datasheet
114Kb / 7P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com