Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOG114AIRGVR Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # LOG114AIRGVR
Description  Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

LOG114AIRGVR Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button LOG114AIRGVR Datasheet HTML 3Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 4Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 5Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 6Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 7Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 8Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 9Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 10Page - Burr-Brown (TI) LOG114AIRGVR Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LOG114
SBOS301A − MAY 2004 − REVISED MARCH 2007
www.ti.com
7
TYPICAL CHARACTERISTICS: VS = +5V
All specifications at TA = +25°C, RVLOGOUT = 10kΩ, VCM = GND, unless otherwise noted.
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
NORMALIZED TRANSFER FUNCTION
10−4
10−3
10−2
10−1
1101
102
103
104
Current Ratio (I
1/I2)
ONE CYCLE OF NORMALIZED TRANSFER FUNCTION
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
110
Current Ratio (I
1/I2)
40
30
20
10
0
−10
−20
1nA
10nA 100nA 1
µA10µA100µA 1mA 10mA
100pA
SCALING FACTOR ERROR (I
2 = reference 100pA to 10mA)
Input Current (I
1)
+90
_C
+80
_C
+70
_C
0
_C
+25
_C
−10_C
2.5
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
1nA
10nA 100nA 1
µA10µA100µA 1mA 10mA
100pA
V
LOGOUT vs I1 INPUT (I2 =1µA)
Input Current (I
1)
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
1nA
10nA 100nA 1
µA10µA100µA1mA
100pA
V
LOGOUT vs I2 INPUT (I1 =1µA)
Input Current (I
1)
10mA
4
3
2
1
0
−1
−2
−3
−4
1nA
10nA 100nA 1
µA10µA 100µA 1mA 10mA
100pA
V
LOGOUT vs IREF
I
REF (I2)
100pA
1nA
10nA
100nA
1
µA
100
µA
10
µA
10mA
1mA


Similar Part No. - LOG114AIRGVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
LOG114AIRGVR BURR-BROWN-LOG114AIRGVR Datasheet
605Kb / 30P
   Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
LOG114AIRGVRG4 BURR-BROWN-LOG114AIRGVRG4 Datasheet
605Kb / 30P
   Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
More results

Similar Description - LOG114AIRGVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
LOG114 BURR-BROWN-LOG114 Datasheet
605Kb / 30P
   Single-Supply, High-Speed, Precision LOGARITHMIC AMPLIFIER
logo
Texas Instruments
LOG200 TI1-LOG200 Datasheet
1Mb / 25P
[Old version datasheet]   LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
AUGUST 2023
logo
New Japan Radio
NJM3472 NJRC-NJM3472 Datasheet
2Mb / 15P
   HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
NJM842 NJRC-NJM842 Datasheet
1Mb / 15P
   HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
NJM2742 NJRC-NJM2742 Datasheet
291Kb / 10P
   HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
logo
Analog Devices
AMP04 AD-AMP04 Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
AMP04FPZ AD-AMP04FPZ Datasheet
339Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
   Precision Single Supply Instrumentation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMP04FSZ AVAGO-AMP04FSZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com