Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCX021AM Datasheet(PDF) 4 Page - Sony Corporation

Part # LCX021AM
Description  4.1cm (1.6-inch) LCD Panel (with microlens)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX021AM Datasheet(HTML) 4 Page - Sony Corporation

  LCX021AM Datasheet HTML 1Page - Sony Corporation LCX021AM Datasheet HTML 2Page - Sony Corporation LCX021AM Datasheet HTML 3Page - Sony Corporation LCX021AM Datasheet HTML 4Page - Sony Corporation LCX021AM Datasheet HTML 5Page - Sony Corporation LCX021AM Datasheet HTML 6Page - Sony Corporation LCX021AM Datasheet HTML 7Page - Sony Corporation LCX021AM Datasheet HTML 8Page - Sony Corporation LCX021AM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
– 4 –
LCX021AM
Pin
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
NC
NC
PSIGB
PSIGG
PSIGR
SIGB1
SIGB2
SIGB3
SIGB4
SIGB5
SIGB6
SIGG1
SIGG2
SIGG3
SIGG4
SIGG5
SIGG6
SIGR1
SIGR2
SIGR3
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
SIGR4
SIGR5
SIGR6
HVDD
RGT
HST
HCK1
HCK2
VSS
BLK
ENB
VCK
VST
DWN
PCG
MODE
VVDD
TEST
COM
NC
Video signal R4 to panel
Video signal R5 to panel
Video signal R6 to panel
Power supply for H driver
Drive direction pulse for V shift
register (H: normal, L: reverse)
Start pulse for H shift register
drive
Clock pulse 1 for H shift register
drive
Clock pulse 2 for H shift register
drive
GND (H, V drivers)
Black frame display pulse
Enable pulse for gate selection
Clock pulse for V shift register
drive
Start pulse for V shift register
drive
Drive direction pulse for V shift
register (H: normal, L: reverse)
Improvement pulse for uniformity
Display area switching
(H: SVGA, L: PC98)
Power supply for V driver
Test; Open
Common voltage of panel
Leave this pin open.
Symbol
Description
Pin
No.
Symbol
Description
Leave this pin open.
Leave this pin open.
Blue uniformity improvement
signal
Green uniformity improvement
signal
Red uniformity improvement
signal
Video signal B1 to panel
Video signal B2 to panel
Video signal B3 to panel
Video signal B4 to panel
Video signal B5 to panel
Video signal B6 to panel
Video signal G1 to panel
Video signal G2 to panel
Video signal G3 to panel
Video signal G4 to panel
Video signal G5 to panel
Video signal G6 to panel
Video signal R1 to panel
Video signal R2 to panel
Video signal R3 to panel
Pin Description
Note) RGB video signals of Pins 6 to 23 is an example. The order of RGB can be changed.


Similar Part No. - LCX021AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX020 SONY-LCX020 Datasheet
306Kb / 24P
   1.8cm (0.7-inch) Color LCD Panel
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
   1.8cm (0.7-inch) Color LCD Panel
LCX023CMT SONY-LCX023CMT Datasheet
359Kb / 26P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX023ELT SONY-LCX023ELT Datasheet
55Kb / 2P
   XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
LCX023EMT SONY-LCX023EMT Datasheet
55Kb / 2P
   XGA Data Projector LCD Product Line Featuring the Industrys Highest Optical Transmittance in 1.8, 2.3, and 3.3 cm Size Panels
More results

Similar Description - LCX021AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX011AM SONY-LCX011AM Datasheet
427Kb / 23P
   3.6cm (1.43-inch) LCD Panel (with microlens)
LCX019AM SONY-LCX019AM Datasheet
304Kb / 22P
   3.4cm (1.32-inch) LCD Panel (with microlens)
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX020BK SONY-LCX020BK Datasheet
306Kb / 24P
   1.8cm (0.7-inch) Color LCD Panel
logo
List of Unclassifed Man...
EAKIT320-8 ETC2-EAKIT320-8 Datasheet
588Kb / 17P
   5,7 LCD CONTROL PANEL WITH TOUCH PANEL
logo
Sony Corporation
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com