Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1186760000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1186760000
Description  Surge protection for instrumentation and control, {Reference (AttributeDefinition)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1186760000 Datasheet(HTML) 1 Page - Weidmuller

  1186760000 Datasheet HTML 1Page - Weidmuller 1186760000 Datasheet HTML 2Page - Weidmuller 1186760000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product catalogue | Functional Electronics | Surge protection | Instrumentation and control | 2-stage protection with screw
connection
- 1 -
General ordering data
Order No.
0250560000
Part designation
EGU3 EG3 24VAC 50MA
Version
Surge protection for instrumentation and control,
{Reference (AttributeDefinition) not found:
pattr2500833906422}, Rated voltage: 24 V DC
EAN
4008190050498
Qty.
10 pc(s).
Clamped conductors
Flexible w. ferrule, min. (DIN 46228-1)
0.5 mm²
Flexible, max.
2.5 mm²
Flexible, min.
0.5 mm²
Rated cross-section for solid/flexible with ferrule
4 mm²
Rated cross-section, max. ferrules
2.5 mm²
Solid, min.
0.5 mm²
Tightening torque range
0.4...0.7 Nm
Type of connection
Screw connection
General data
Design
Component housing
Storage temperature
-25 ... 85°C
Ambient temperature (operational)
-25 ... 60°C
Insulation coordination acc. to EN 50178
Overvoltage category
III
Pollution severity
2
Interference voltage
Protection level on output side sym., input 1 kV/
µs, typ.
55 V
Protection level on output side sym., input 8/20 µs,
typ.
75 V
Protection level on output side unsym., input 1kV/
µs, typ.
85 V


Similar Part No. - 1186760000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1186 ETC-1186 Datasheet
210Kb / 1P
   Heyco짰 Male/Female Combination Terminals ??7 Gauge
logo
Heyco.
1186 HEYCO-1186 Datasheet
210Kb / 1P
   Male/Female Combination Terminals - 27 Gauge
logo
RAF ELECTRONIC HARDWARE
1186-10-N RAF-1186-10-N Datasheet
48Kb / 1P
   3/8 ROUND SPACERS
1186-10-SS RAF-1186-10-SS Datasheet
48Kb / 1P
   3/8 ROUND SPACERS
1186-8-AL RAF-1186-8-AL Datasheet
48Kb / 1P
   3/8 ROUND SPACERS
More results

Similar Description - 1186760000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0459460000 WEIDMULLER-0459460000 Datasheet
63Kb / 3P
   Surge protection for instrumentation and control
1064250000 WEIDMULLER-1064250000 Datasheet
743Kb / 7P
   Surge protection for instrumentation and control
September 18, 2021
logo
NXP Semiconductors
IP4238CZ10 NXP-IP4238CZ10 Datasheet
220Kb / 11P
   Surge protection for ethernet and telecom
Rev. 1-1 October 2012
logo
List of Unclassifed Man...
8690 ETC2-8690 Datasheet
101Kb / 3P
   Audio, Control and Instrumentation Cable
logo
ABLE Power Products
AP5P277 ABLEPOWERPRODUCTS-AP5P277 Datasheet
305Kb / 1P
   Surge Protection for Protection of LED Drivers and Controls
2/16/2023
logo
Pepperl+Fuchs Inc.
M-LB-1.150.M PF-M-LB-1.150.M Datasheet
580Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.275.M PF-M-LB-1.275.M Datasheet
441Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-2.150.T3.M PF-M-LB-2.150.T3.M Datasheet
512Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
logo
Vishay Siliconix
232266093034 VISHAY-232266093034 Datasheet
52Kb / 2P
   PTC Thermistors, Overload Protection For Instrumentation
Revision: 10-Oct-03
logo
Pepperl+Fuchs Inc.
M-LB-1.NPE.M PF-M-LB-1.NPE.M Datasheet
582Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com