Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCX016AM Datasheet(PDF) 10 Page - Sony Corporation

Part # LCX016AM
Description  3.3cm (1.3-inch) Black-and-White LCD Panel
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX016AM Datasheet(HTML) 10 Page - Sony Corporation

Back Button LCX016AM Datasheet HTML 6Page - Sony Corporation LCX016AM Datasheet HTML 7Page - Sony Corporation LCX016AM Datasheet HTML 8Page - Sony Corporation LCX016AM Datasheet HTML 9Page - Sony Corporation LCX016AM Datasheet HTML 10Page - Sony Corporation LCX016AM Datasheet HTML 11Page - Sony Corporation LCX016AM Datasheet HTML 12Page - Sony Corporation LCX016AM Datasheet HTML 13Page - Sony Corporation LCX016AM Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
– 10 –
LCX016AM
Electro-optical Characteristics
(Ta = 25°C, MAC17 mode)
Item
Contrast ratio
25°C
25°C
25°C
60°C
25°C
60°C
25°C
60°C
0°C
25°C
0°C
25°C
60°C
25°C
25°C
CR
T
RV90-25
GV90-25
BV90-25
RV90-60
GV90-60
BV90-60
RV50-25
GV50-25
BV50-25
RV50-60
GV50-60
BV50-60
RV10-25
GV10-25
BV10-25
RV10-60
GV10-60
BV10-60
ton0
ton25
toff0
toff25
F
YT60
CTK
200
20
1.41
1.55
1.67
1.33
1.46
1.58
1.75
1.85
1.94
1.67
1.75
1.84
2.25
2.34
2.43
2.15
2.23
2.31
30.6
12.0
99.4
28.4
–68
0
5
1
2
3
4
5
6
7
%
V
ms
dB
s
%
Optical transmittance
V-T
characteristics
V90
V50
ON time
OFF time
V10
Response time
Flicker
Image retention time
Cross talk
Symbol
Measurement method
Min.
Typ.
Max.
Unit
Reflection Preventive Processing
When a phase substrate which rotates the polarization axis is used to adjust to the polarization direction of a
polarization screen or prism, use a phase substrate with reflection preventive processing on the surface. This
prevents characteristic deterioration caused by luminous reflection.


Similar Part No. - LCX016AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
More results

Similar Description - LCX016AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX016AL SONY-LCX016AL Datasheet
486Kb / 24P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX023CMT SONY-LCX023CMT Datasheet
359Kb / 26P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX012BL SONY-LCX012BL Datasheet
381Kb / 21P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX028BMT SONY-LCX028BMT Datasheet
328Kb / 26P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX028ALT SONY-LCX028ALT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com