Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0468760001 Datasheet(PDF) 1 Page - Weidmuller

Part # 0468760001
Description  Disconnect Terminals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0468760001 Datasheet(HTML) 1 Page - Weidmuller

  0468760001 Datasheet HTML 1Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
132
Note: Part numbers are shown
for a single card of pre-printed
tags numbered 1-50.
0105660000
0269120000
0105420000
0437920000
0105620000
8/65/52.5 (.31/2.56/2.07)
8/65/48.5 (.31/2.56/1.91)
12 (.47)
300 V / 25 A / #22...8 AWG*
300 V / 25 A / #26...8 AWG
380 VAC / 27 A / 6 mm2
1.7 (16)
3.5
Type
Part No.
AP (1.5)
0146760000
AP (3.0)
0146720000
TW (1.5)
0242960000
TW (3.0)
0242920000
TW (0.5)
0474700000
TSch 2
0353660000
QL 2
0194300000
QL 3
0194400000
QL 4
0194500000
QL 10
0338300000
VH 12
0249000000
BS M 3 x 20 Cu
0377100000
QS 2
0270960000
QVS 2
0307300000
QVS 3
0329300000
QVS 4
0307400000
VH 19
0318000000
BS 25 bare
0334700000
QB 2
0205700000
QB 3
0205800000
QB 4
0205900000
QB 10
0343800000
PS 4
0299600000
SSP 3
0531760000
DEK 5/6
0468660001
DEK 5/6
0468760001
SAKT 1/LT
Slide Link
Disconnect Terminals
QL fixed
Final number indicates number of poles. See the Accessories Section
for more information.
SAKT 2/LT
0445420000
0437720000
0106020000
0330620000
0105920000
8/82/52.5 (.31/3.23/2.07)
8/82/48.5 (.31/3.23/1.91)
12 (.47)
300 V / 25 A / #22...8 AWG*
300 V / 25 A / #26...8 AWG
380 VAC / 27 A / 6 mm2
1.7 (16)
3.5
Type
Part No.
AP (1.5)
0146760000
AP (1.5)
0329120000
TW (1.5)
0242960000
TW (2.5)
0351820000
TW (0.5)
0474700000
TSch 2
0353660000
QL 2
0194300000
QL 3
0194400000
QL 4
0194500000
QL 10
0338300000
VH 12
0249000000
BS M 3 x 20 Cu 0377100000
QS 2
0270960000
QVS 2
0307300000
QVS 3
0329300000
QVS 4
0307400000
VH 19
0318000000
BS 25 bare
0334700000
QB 2
0205700000
QB 3
0205800000
QB 4
0205900000
QB 10
0343800000
PS 4
0299600000
SSP 3
0531760000
DEK 5/6
0468660001
DEK 5/6
0468760001
Slide Link
‡See Accessories section for additional information.
*For TS 35 #22...8 AWG
**With AP 380 V
Slide link disconnect terminals offer a superior
solution for simple current transformer circuits
and measurement transformer test sets using
SAKT 1/LT lateral disconnect terminals, or
SAKT 1/DU feed through terminals and
SAKT 1/QT cross disconnect terminals.
Current transformers must always have a
closed secondary circuit, even when changing
measuring equipment (see schematic below).
Stationary Jumpers
QL jumpers serve as fixed cross-connections
for the Disconnect Terminals. The QL jumpers
require the use of a fixing screw (BS M) and a
connection sleeve (VH) when attaching the
jumper to the current bar. The WQV jumpers
are provided with a retained jumper screw.
Sliding Jumpers
QS and QVS jumpers are sliding jumpers.
These jumpers are used to temporarily
connect or disconnect adjacent terminal
blocks. When the jumper screws are loose,
the jumper can move to either open or close
the cross connection between blocks.
Tightening the jumper screws holds the
jumper in either the open (disconnected)
or closed (shorted) position.
QB jumpers work in a similar manner except
that the jumpers remain fixed. An internal
sliding connection link connected to the
current bar either opens or closes the
connection based on whether the link
is in contact with the jumper or not.
SSP disconnect locks snap into the terminal
block. These locks must be removed to
change the position of the sliding link
connection.
QVS sliding
QB
L1
k
l
k
l
k
lL1
L2
L3
N
1
2
3
4
5
67
8
9
10
L2
L3
N
Terminal Block Selection Data
Available Options
Version
PA
2 StB test points PA
Back wall closed KrG
Back wall open KrG
4 StB 14 test points ø4.0 KrG 60 V**
1 StB 8.5 test point ø2.0 KrG
1 StB 8.5 test point ø2.3 KrG
2 StB 14 test points ø4 KrG
2 StB 14 test points ø2.3 KrG
Dimensions
Width / Length / Height mm (in.)
for TS 32
for TS 35
Insulation stripping length
mm (in.)
Technical Data
Rated voltage / rated current / wire size UL
CSA
VDE
Torque
Nm (lb. in.)
Clamping screw
M
Selected Accessory Data
End Plate (thickness mm)
PA
KrG
Partition (thickness mm)
PA
KrG
HP
Small Partition
Jumpers
Connection sleeve
Fixing screw
Connection sleeve
Fixing screw
Switchable Jumper Links
Test Plugs
Disconnect Lock
Marking Tags
Print
Consecutive horizontal
Consecutive vertical


Similar Part No. - 0468760001

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0468760001 WEIDMULLER-0468760001 Datasheet
532Kb / 1P
   SAKT 1/LT SAKT 2/LT
0468760001 WEIDMULLER-0468760001 Datasheet
495Kb / 1P
   Screw Clamp 35 mm DIN-Rail Terminals
0468760001 WEIDMULLER-0468760001 Datasheet
531Kb / 1P
   SAKT 4/LT SAKT 4/DU SAKT 1/DU SAKT 1/QT
More results

Similar Description - 0468760001

ManufacturerPart #DatasheetDescription
logo
Weidmuller
WNT2.5 WEIDMULLER-WNT2.5 Datasheet
1Mb / 2P
   Neutral disconnect terminals
logo
Molex Electronics Ltd.
63819-9800 MOLEX11-63819-9800 Datasheet
30Kb / 1P
   Hand Crimp Tool for Quick Disconnect Female Terminals
0638252800 MOLEX11-0638252800 Datasheet
32Kb / 1P
   Hand Crimp Tool For Quick Disconnect, Female Terminals
200218-0900 MOLEX2-200218-0900 Datasheet
671Kb / 7P
   Hand Crimp Tool Quick Disconnect, Female Crimp Terminals
02-08-21
63827-9300 MOLEX-63827-9300 Datasheet
1Mb / 7P
   Hand Crimp Tool Quick Disconnect, Female Crimp Terminals
12-02-15
ATS-638271200 MOLEX-ATS-638271200 Datasheet
658Kb / 7P
   Hand Crimp Tool Quick Disconnect, Female Crimp Terminals
12-04-13
63825-7800 MOLEX-63825-7800 Datasheet
528Kb / 7P
   sHand Crimp Tool For Quick Disconnect, Female Terminals
12-21-12
0638199800 MOLEX-0638199800 Datasheet
37Kb / 1P
   Hand Crimp Tool for Quick Disconnect Female Terminals
11/02/2021
0638257800 MOLEX11-0638257800 Datasheet
32Kb / 1P
   Hand Crimp Tool For Quick Disconnect, Female Terminals
63827-1200 MOLEX11-63827-1200 Datasheet
32Kb / 1P
   Hand Crimp Tool Quick Disconnect, Female Crimp Terminals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com