Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

331061603010 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 331061603010
Description  WE-SECF SMD EMI Contact Finger
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

331061603010 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  331061603010 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 331061603010 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 331061603010 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 331061603010 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 331061603010 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.0
REV
2012-10-30
DATE
SSt
BY
WJ
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-SECF SMD EMI Contact Finger
Order.- No.
331061603010
SIZE
A4
Size: 0610
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-180 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 331061603010

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3310 VMI-3310 Datasheet
245Kb / 2P
   200 V - 1,000 V Three Phase Bridge 9.0 A - 10.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
Bourns Electronic Solut...
3310 BOURNS-3310 Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
logo
Heyco.
3310 HEYCO-3310 Datasheet
75Kb / 1P
   Lockit™ Cable Holders - Arrowhead Mount
logo
KR Electronics, Inc.
3310-142.5 KR-3310-142.5 Datasheet
106Kb / 3P
   KR Electronics part number 3310-142.5 is a 142.5 MHz Band-pass filter
3310-187.5 KR-3310-187.5 Datasheet
104Kb / 3P
   KR Electronics part number 3310-187.5 is a 187.5 MHz Band-pass filter
More results

Similar Description - 331061603010

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
331031271520 WURTH-331031271520 Datasheet
981Kb / 5P
   WE-SECF SMD EMI Contact Finger
331161702513 WURTH-331161702513 Datasheet
958Kb / 5P
   WE-SECF SMD EMI Contact Finger
331211503040 WURTH-331211503040 Datasheet
971Kb / 5P
   WE-SECF SMD EMI Contact Finger
331051472057 WURTH-331051472057 Datasheet
958Kb / 5P
   WE-SECF SMD EMI Contact Finger
331171302035 WURTH-331171302035 Datasheet
936Kb / 5P
   WE-SECF SMD EMI Contact Finger
331171302030 WURTH-331171302030 Datasheet
942Kb / 5P
   WE-SECF SMD EMI Contact Finger
331081302025 WURTH-331081302025 Datasheet
936Kb / 5P
   WE-SECF SMD EMI Contact Finger
331011452048 WURTH-331011452048 Datasheet
955Kb / 5P
   WE-SECF SMD EMI Contact Finger
331031321515 WURTH-331031321515 Datasheet
999Kb / 5P
   WE-SECF SMD EMI Contact Finger
331236362553 WURTH-331236362553 Datasheet
366Kb / 5P
   WE-SECF SMD EMI Contact Finger
331265563040 WURTH-331265563040 Datasheet
360Kb / 5P
   WE-SECF SMD EMI Contact Finger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com