Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTP09080-20 Datasheet(PDF) 4 Page - RFHIC

Part # RTP09080-20
Description  This HPA Module is a high gain and Amplifier module for LTE Repeater use.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RTP09080-20 Datasheet(HTML) 4 Page - RFHIC

  RTP09080-20 Datasheet HTML 1Page - RFHIC RTP09080-20 Datasheet HTML 2Page - RFHIC RTP09080-20 Datasheet HTML 3Page - RFHIC RTP09080-20 Datasheet HTML 4Page - RFHIC RTP09080-20 Datasheet HTML 5Page - RFHIC RTP09080-20 Datasheet HTML 6Page - RFHIC RTP09080-20 Datasheet HTML 7Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Preliminary
GaN Power Amp Pallet
RTP09080-20
Block Diagram
Tel : 82-31-250-5078
▪ All specifications may change without notice.
rfsales@rfhic.com
▪ Version 0.1


Similar Part No. - RTP09080-20

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP09050-10 RFHIC-RTP09050-10 Datasheet
374Kb / 8P
   This HPA Module is a high gain and Amplifier module for GSM and LTE Repeater use.
RTP09050-20 RFHIC-RTP09050-20 Datasheet
574Kb / 7P
   The RTP09050-20 is designed for RF system application frequencies from 925MHz to 960MHz, with high gain.
logo
Honeywell Solid State E...
RTP090HVEAA HONEYWELL-RTP090HVEAA Datasheet
1Mb / 10P
   Hall-effect Rotary Position Sensors
RTP090HVNAA HONEYWELL-RTP090HVNAA Datasheet
1Mb / 10P
   Hall-effect Rotary Position Sensors
RTP090LVEAA HONEYWELL-RTP090LVEAA Datasheet
1Mb / 10P
   Hall-effect Rotary Position Sensors
More results

Similar Description - RTP09080-20

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP08050-10 RFHIC-RTP08050-10 Datasheet
546Kb / 9P
   This HPA Module is a high gain and Amplifier module for CDMA and LTE Repeater use.
RTP08050-20 RFHIC-RTP08050-20 Datasheet
622Kb / 7P
   This HPA Module is a high gain and Amplifier module for CDMA and LTE Repeater use.
RTP09050-10 RFHIC-RTP09050-10 Datasheet
374Kb / 8P
   This HPA Module is a high gain and Amplifier module for GSM and LTE Repeater use.
RTP21010-11 RFHIC-RTP21010-11 Datasheet
672Kb / 8P
   This HPA Module is a high gain and compact amplifier module for WCDMA and LTE Repeater use.
RTP21025-11 RFHIC-RTP21025-11 Datasheet
693Kb / 8P
   This HPA Module is a high gain and compact amplifier module for WCDMA and LTE Repeater use.
RTP21005-11 RFHIC-RTP21005-11 Datasheet
822Kb / 8P
   This HPA Module is a high gain and compact amplifier module for WCDMA and LTE Repeater use.
RTP18080-20 RFHIC-RTP18080-20 Datasheet
570Kb / 7P
   This HPA Module is a high gain, wide dynamic range amplifier module.
RTP18050-10 RFHIC-RTP18050-10 Datasheet
373Kb / 9P
   This HPA Module is a high gain, wide dynamic range amplifier module. Custom design available.
logo
NXP Semiconductors
A3M35TL039 NXP-A3M35TL039 Datasheet
469Kb / 16P
   Power Amplifier Module for LTE and 5G
Rev. 2, 12/2020
AFSC5G26E38 NXP-AFSC5G26E38 Datasheet
436Kb / 16P
   Power Amplifier Module for LTE and 5G
Rev. 3, 09/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com