Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCX007 Datasheet(PDF) 1 Page - Sony Corporation

Part # LCX007
Description  3.4cm (1.35-inch) Black-and-White LCD Panel
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX007 Datasheet(HTML) 1 Page - Sony Corporation

  LCX007 Datasheet HTML 1Page - Sony Corporation LCX007 Datasheet HTML 2Page - Sony Corporation LCX007 Datasheet HTML 3Page - Sony Corporation LCX007 Datasheet HTML 4Page - Sony Corporation LCX007 Datasheet HTML 5Page - Sony Corporation LCX007 Datasheet HTML 6Page - Sony Corporation LCX007 Datasheet HTML 7Page - Sony Corporation LCX007 Datasheet HTML 8Page - Sony Corporation LCX007 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Description
The LCX007BNB is a 3.4cm diagonal active matrix
TFT-LCD panel addressed by polycrystalline silicon
super thin film transistors with built-in peripheral driving
circuit. This panel, with polarizers on the both faces,
displays black-and-white images suitable to video-
photographic printers and other applications.
This panel provides a wide aspect ratio of 16 : 9,
such as those represented in HD. The built-in side-
black function also allows an aspect ratio of 4 : 3 in
the NTSC/PAL mode.
This panel has a polysilicon TFT high-speed
scanner and built-in function to display images
up/down and/or right/left inverse. The built-in 5V
interface circuit leads to lower voltage of timing
system and control signals.
Features
• The number of active dots: 512,880 (1.35-inch; 3.4cm in diagonal)
• Horizontal resolution: 600 TV lines
• High optical transmittance: 16.5% (typ.)
• High contrast ratio with normally white mode: 190 (typ.)
• Built-in H and V drivers (built-in input level conversion circuit, 5V driving possible)
• NTSC/NTSC-WIDE/HD (band: 20MHz) mode selectable
(PAL/PAL-WIDE mode also available through conversion of scanned dot numbers by an external IC)
• Up/down and/or right/left inverse display function
• Side-black function
• 16 : 9 and 4 : 3 aspect-ratio switching function
Element Structure
• Dots
16 : 9 display
: 1068.5 (H)
× 480 (V) = 512,880
4 : 3 display
: 799.5 (H)
× 480 (V) = 383,760
• Built-in peripheral driver using polycrystalline silicon super thin film transistors.
Applications
Video-photographic printers etc.
– 1 –
LCX007BNB
E95816A68-PS
3.4cm (1.35-inch) Black-and-White LCD Panel
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
For the availability of this product, please contact the sales office.


Similar Part No. - LCX007

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007 SONY-LCX007 Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007 SONY-LCX007 Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
More results

Similar Description - LCX007

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
LCX007CN SONY-LCX007CN Datasheet
611Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX007CL SONY-LCX007CL Datasheet
610Kb / 24P
   3.4cm (1.35-inch) Black-and-White LCD Panel
LCX037BLT SONY-LCX037BLT Datasheet
390Kb / 25P
   3.4cm (1.35 Type) Black-and-White LCD Panel
LCX007BK SONY-LCX007BK Datasheet
622Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX007BKA SONY-LCX007BKA Datasheet
624Kb / 25P
   3.4cm (1.35-inch) Color LCD Panel
LCX019AM SONY-LCX019AM Datasheet
304Kb / 22P
   3.4cm (1.32-inch) LCD Panel (with microlens)
LCX028AMT SONY-LCX028AMT Datasheet
365Kb / 25P
   4.6cm (1.8-inch) Black-and-White LCD Panel
LCX016AM SONY-LCX016AM Datasheet
419Kb / 22P
   3.3cm (1.3-inch) Black-and-White LCD Panel
LCX026ALF SONY-LCX026ALF Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
LCX026ALG SONY-LCX026ALG Datasheet
346Kb / 24P
   2.3cm (0.9-inch) Black-and-White LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com