Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1407A Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # ENA1407A
Description  PC and Server Fan Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1407A Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button ENA1407A Datasheet HTML 2Page - Sanyo Semicon Device ENA1407A Datasheet HTML 3Page - Sanyo Semicon Device ENA1407A Datasheet HTML 4Page - Sanyo Semicon Device ENA1407A Datasheet HTML 5Page - Sanyo Semicon Device ENA1407A Datasheet HTML 6Page - Sanyo Semicon Device ENA1407A Datasheet HTML 7Page - Sanyo Semicon Device ENA1407A Datasheet HTML 8Page - Sanyo Semicon Device ENA1407A Datasheet HTML 9Page - Sanyo Semicon Device ENA1407A Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LV8804V
No.A1407-9/10
*5. CT pin
This pin is used to connect the lock detection capacitor.
The constant-current charging and constant-current discharging circuits inporporated causes locking when the pin
voltage reaches 2.5V, and releasing the lock protection when it drops to 0.5V. This pin must be connected to the GND
when it is not going to be used.
*6. RF pins
These pins are used to set the current limit.
When the pin voltage exceeds 0.25V, the current is limited, and regeneration mode is established. In the application
circuit, this voltage is set in such a way that the current limit will be established at 1A.
The calculation formula is given below.
RF resistance = 0.25V/target current limit value
All the RF pins (pins 24, 26 and 27) must be short-circuited on the print pattern.
*7. SOFTST pin
This pin is used to set the soft start.
By connecting a capacitor between this pin and GND, the motor speed can be increased gradually.
When the pin voltage exceeds 2.5V, the soft start is released, and the LV8804V is switched to normal control.
If the soft start function is not going to be used, connect the pin to the VREG pin.
*8. OSC pin
This pin is used to connect the capacitor for setting the startup frequency.
A capacitor with a capacitance ranging from about 500pF to 2,200pF (reference value) must be connected between
this pin and GND.
The OSC pin determines the motor startup frequency, so be sure to connect a capacitor to it.
<How to select the capacitance>
Select a capacitance value that will result in the shortest possible startup time for achieving the target speed and
produce minimal variations in the startup time. If the capacitance is too high, variations in the startup time will
increase; conversely, if it is too low, the motor may idle. The optimum OSC constant depends on the motor
characteristics and startup current, so be sure to recheck them when the type of motor used or circuit specifications are
changed.
*9. MINSP pin
This pin is used to input the voltage to set the minimum speed.
The minimum speed can be set by resistor-dividing the VREG voltage (5V) to create a voltage of 1 to 3V, and
inputting this voltage to the MINSP pin.
If the minimum speed is not going to be set, the MINSP pin and CTL pin (pin 8) must be short-circuited.
*10. VG, CP, and CPC pins
These pins are used to connect the capacitors to generate the pre-drive voltage and stabilize the pre-drive power
supply.
Be sure to connect these capacitors in order to generate the drive voltage for the high-side (upper) output DMOS
transistor.
*11. VREG pins
These are the control system power supply pin and regulator output pin, which create the power supply of the control
unit. Be sure to connect a capacitor between this pin and GND in order to stabilize control system operation.
Since these pins are used to supply current for control and generate the charge pump voltage, connect a capacitor with
a capacitance that is higher than that of the capacitor connected to the charge pump.
Both the VREG pins (pins 3 and 4) must be short-circuited on the print pattern.
*12. CTL
Change by the Slew Rate of 0.5V/ms or more and use the voltage of the CTL pin.
The current might return to the power supply when using it below the above-mentioned Slew Rate and IC be
destroyed.
*13. Pin protection resistor
It is recommended that resistors higher than 1kΩ are connected serially to protect pins against misconnection such as
GND open and reverse connection.


Similar Part No. - ENA1407A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1401A SANYO-ENA1401A Datasheet
531Kb / 7P
   General-Purpose Switching Device Applications
ENA1405A SANYO-ENA1405A Datasheet
465Kb / 7P
   General-Purpose Switching Device Applications
ENA1406A SANYO-ENA1406A Datasheet
450Kb / 7P
   General-Purpose Switching Device Applications
ENA1408B SANYO-ENA1408B Datasheet
481Kb / 24P
   Class-D Audio Power Amplifier BTL 15W 횞 2ch
More results

Similar Description - ENA1407A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8805V SANYO-LV8805V Datasheet
211Kb / 9P
   PC and Server Fan Motor Driver
LV8804FV SANYO-LV8804FV_12 Datasheet
188Kb / 10P
   PC and Server Fan Motor Driver
LV8804V SANYO-LV8804V Datasheet
117Kb / 10P
   PC and Server Fan Motor Driver
logo
ON Semiconductor
LV8805SV-MPB-H ONSEMI-LV8805SV-MPB-H Datasheet
272Kb / 9P
   PC and Server Fan Motor Driver
May, 2013
LV8805V-TLM-H ONSEMI-LV8805V-TLM-H Datasheet
170Kb / 9P
   PC and Server Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8804V SANYO-LV8804V_11 Datasheet
229Kb / 10P
   PC and Server Fan Motor Driver
LV8804FV SANYO-LV8804FV_11 Datasheet
206Kb / 10P
   PC and Server Fan Motor Driver
LV8805SV SANYO-LV8805SV Datasheet
221Kb / 9P
   PC and Server Fan Motor Driver
logo
ON Semiconductor
LV8804FV-D ONSEMI-LV8804FV-D Datasheet
239Kb / 10P
   PC and Server Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8804FV SANYO-LV8804FV Datasheet
116Kb / 9P
   PC and Server Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com