Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8121V Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LV8121V
Description  For Fan Motor 3-phase Brushless Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8121V Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LV8121V Datasheet HTML 2Page - Sanyo Semicon Device LV8121V Datasheet HTML 3Page - Sanyo Semicon Device LV8121V Datasheet HTML 4Page - Sanyo Semicon Device LV8121V Datasheet HTML 5Page - Sanyo Semicon Device LV8121V Datasheet HTML 6Page - Sanyo Semicon Device LV8121V Datasheet HTML 7Page - Sanyo Semicon Device LV8121V Datasheet HTML 8Page - Sanyo Semicon Device LV8121V Datasheet HTML 9Page - Sanyo Semicon Device LV8121V Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LV8121V
No.A2135-6/14
Pin Function
Pin No.
Pin name
Function
Equivalent circuit
1
PWM
Pin to set the PWM oscillation frequency.
Connect a capacitor between this pin and GND1.
A frequency of about 19kHz can be set by using
a 1800pF capacitor.
VREG
1
950
Ω
200
Ω
2
LIM
Pin to set the minimum output duty.
A minimum output duty can be set by inputting a fixed
voltage to the LIM pin through resistor division of VREG.
Connect the LIM pin to GND1 if this pin is not used, then the
minimum output duty becomes 0 %.
VREG
2
500
Ω
3
CTL
Pin to control the output duty.
The output duty is determined by the result of comparing
the CTL pin voltage with the PWM oscillation waveform.
When the CTL pin is open, the output duty becomes 100%.
Therefore, connect a pull-down resistor to prevent open.
VREG
3
500
Ω
4
S/S
Start / Stop control pin.
Low : 0V to 1.0V
High : 2.0V to VREG
Goes high when left open.
Low for start.
The hysteresis width is about 0.35V.
10k
Ω
VREG
4
100k
Ω
5
6
7
8
9
10
IN3-
IN3+
IN2-
IN2+
IN1-
IN1+
Hall input pins.
The input is seen as the high level input when IN+
> IN-, and
as the low level input for the opposite state.
If noise on the Hall signals is a problem, connect a capacitor
between the corresponding IN+ and IN- inputs.
VREG
8
6
10
7
5
9
Continued on next page.


Similar Part No. - LV8121V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8121V ONSEMI-LV8121V Datasheet
229Kb / 14P
   3-phase Brushless Motor Driver
May, 2013
More results

Similar Description - LV8121V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
logo
Rohm
BM6241FS ROHM-BM6241FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6245FS ROHM-BM6245FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com