Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0225360000 Datasheet(PDF) 3 Page - Weidmuller

Part # 0225360000
Description  Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0225360000 Datasheet(HTML) 3 Page - Weidmuller

  0225360000 Datasheet HTML 1Page - Weidmuller 0225360000 Datasheet HTML 2Page - Weidmuller 0225360000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product catalogue | Terminals | Screwing technology | SAK-series modular terminals | TS 32 / TS 35 EN combination foot
| Modular fuse terminals
- 3 -
Approvals
Approvals institutes
Classifications
ETIM 2.0
EC000899
ETIM 3.0
EC000899
eClass 4.1
27-14-11-16
eClass 5.0
27-14-11-16
eClass 5.1
27-14-11-16
Similar products
Order No.
Part designation
Version
0474560000
ASK 1/EN
Fuse terminal, 4 mm², Screw connection, PA 66, beige, TS 35 + TS
32
8148930000
KDKS1/EN LD 24 VAC
Fuse terminal, 4 mm², Screw connection, PA 66, beige, TS 35 + TS
32
0222860000
ASK 1/EN LD 1D 24VAC
Fuse terminal, 4 mm², Screw connection, PA 66, beige, TS 35 + TS
32
0222760000
ASK 1/EN LD 15K 24VDC
Fuse terminal, 4 mm², Screw connection, PA 66, beige, TS 35 + TS
32
0225260000
ASK 1/EN LD 27K 48VDC
Fuse terminal, 4 mm², Screw connection, PA 66, beige, TS 35 + TS
32
0226460000
ASK1LD-60D
Fuse terminal, 4 mm², Screw connection, PA 66, beige, TS 35 + TS
32
0225560000
ASK 1/EN LD 1D 115VAC
Fuse terminal, 4 mm², Screw connection, PA 66, beige, TS 35 + TS
32
0225460000
ASK 1/EN LD 56K 115VDC
Fuse terminal, 4 mm², Screw connection, PA 66, beige, TS 35 + TS
32
0225660000
ASK 1/EN LD 120K 230VDC
Fuse terminal, 4 mm², Screw connection, PA 66, beige, TS 35 + TS
32
8146450000
KDKS1/EN LD 24VDC
Fuse terminal, 4 mm², Screw connection, PA 66, beige, TS 35 + TS
32
8148910000
KDKS1/EN LD 230VAC
Fuse terminal, 4 mm², Screw connection, PA 66, beige, TS 35 + TS
32


Similar Part No. - 0225360000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0225360000 WEIDMULLER-0225360000 Datasheet
1Mb / 52P
   SAK-series
More results

Similar Description - 0225360000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0222860000 WEIDMULLER-0222860000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0222760000 WEIDMULLER-0222760000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225560000 WEIDMULLER-0225560000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0396660000 WEIDMULLER-0396660000 Datasheet
61Kb / 3P
   Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35
0484060000 WEIDMULLER-0484060000 Datasheet
61Kb / 3P
   Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 32
0467960000 WEIDMULLER-0467960000 Datasheet
60Kb / 3P
   Component terminal, 4 mm짼, Screw connection, PA 66, beige, TS 32
0212840000 WEIDMULLER-0212840000 Datasheet
75Kb / 4P
   Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
0268860000 WEIDMULLER-0268860000 Datasheet
68Kb / 3P
   Feed-through terminal, 2.5 mm짼, Screw connection, PA 66, beige, TS 35
0210160000 WEIDMULLER-0210160000 Datasheet
71Kb / 3P
   Special terminal, special connections, 4 mm짼, Screw connection, PA 66, beige, TS 32
0271060000 WEIDMULLER-0271060000 Datasheet
85Kb / 4P
   Feed-through terminal, 16 mm짼, Screw connection, PA 66, beige, TS 32
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com